Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC487LP5E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC487LP5E
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC487LP5E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC487LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5
5 - 488
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Gain Power and OIP3
vs. Supply Voltage @10.5 GHz
Gain, Power and OIP3
vs. Supply Current @ 10.5 GHz
Output IP3 vs. Temperature
Power Compresion @ 10.5 GHz
Noise Figure vs. Temperature
Reverse Isolation vs. Temperature
10
14
18
22
26
30
34
38
42
8
8.5
9
9.5
10
10.5
11
11.5
12
12.5
13
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
-10 -8
-6
-4
-2
0
2
4
6
8
10 12 14 16 18
Pout
Gain
PAE
INPUT POWER (dBm)
18
20
22
24
26
28
30
32
34
36
38
40
6.5
7
7.5
Gain
P1dB
Psat
OIP3
Vdd Supply Voltage (Vdc)
18
20
22
24
26
28
30
32
34
36
38
40
42
800
900
1000
1100
1200
1300
Gain
P1dB
Psat
OIP3
Idd Supply Current (mA)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
8
8.5
9
9.5
10
10.5
11
11.5
12
12.5
13
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
8
8.5
9
9.5
10
10.5
11
11.5
12
12.5
13
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC487LP5 / 487LP5E
SURFACE MOUNT PHEMT 2 WATT POWER
AMPLIFIER, 9 - 12 GHz
v01.0705


Similar Part No. - HMC487LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC487LP5E HITTITE-HMC487LP5E Datasheet
247Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
logo
Analog Devices
HMC487LP5E AD-HMC487LP5E Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
HMC487LP5E AD-HMC487LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
HMC487LP5ETR AD-HMC487LP5ETR Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
More results

Similar Description - HMC487LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC487LP5 HITTITE-HMC487LP5_09 Datasheet
247Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC486LP5 HITTITE-HMC486LP5_10 Datasheet
250Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
List of Unclassifed Man...
HMC489LP5 ETC1-HMC489LP5 Datasheet
368Kb / 6P
   SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Hittite Microwave Corpo...
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
   SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Analog Devices
HMC487 AD-HMC487 Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC949 HITTITE-HMC949 Datasheet
982Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC949 HITTITE-HMC949_11 Datasheet
980Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
   GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com