Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT899 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT899
Description  9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT899 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT899 Datasheet HTML 3Page - NXP Semiconductors 74ABT899 Datasheet HTML 4Page - NXP Semiconductors 74ABT899 Datasheet HTML 5Page - NXP Semiconductors 74ABT899 Datasheet HTML 6Page - NXP Semiconductors 74ABT899 Datasheet HTML 7Page - NXP Semiconductors 74ABT899 Datasheet HTML 8Page - NXP Semiconductors 74ABT899 Datasheet HTML 9Page - NXP Semiconductors 74ABT899 Datasheet HTML 10Page - NXP Semiconductors 74ABT899 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
74ABT899
9-bit dual latch transceiver with 8-bit parity
generator/checker (3-State)
1998 Jan 16
7
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = –40 to +85oC
VCC = +5.0V ±10%
CL = 50pF
RL = 500Ω
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
1
1.0
1.0
3.2
2.7
4.5
4.1
1.0
1.0
4.9
4.6
ns
tPLH
tPHL
Propagation delay
An to BPAR or Bn to APAR
2
3.0
2.5
6.0
6.4
7.5
7.9
3.0
2.5
9.0
8.8
ns
tPLH
tPHL
Propagation delay
An to ERRA or Bn to ERRB
3
2.8
2.8
6.0
6.7
8.0
8.5
2.8
2.8
9.1
9.3
ns
tPLH
tPHL
Propagation delay
APAR to BPAR or BPAR to APAR
1
2.0
1.3
4.0
3.2
5.2
4.4
2.0
1.3
5.7
5.0
ns
tPLH
tPHL
Propagation delay
APAR to ERRA or BPAR to ERRB
6
1.5
1.5
4.2
4.0
5.4
5.4
1.5
1.5
6.0
6.1
ns
tPLH
tPHL
Propagation delay
ODD/EVEN to APAR or BPAR
5
2.6
2.5
5.5
5.3
6.8
6.7
2.6
2.5
8.1
7.8
ns
tPLH
tPHL
Propagation delay
ODD/EVEN to ERRA or ERRB
4
2.3
2.6
5.4
5.7
6.8
7.2
2.3
2.6
7.9
8.4
ns
tPLH
tPHL
Propagation delay
SEL to APAR or BPAR
8
1.3
1.4
4.1
4.1
5.2
5.3
1.3
1.4
6.0
5.9
ns
tPLH
tPHL
Propagation delay
SEL to ERRA or ERRB
8
3.7
5.1
6.8
8.3
8.3
9.7
3.7
5.1
9.8
11.0
ns
tPLH
tPHL
Propagation delay
LEA to Bn or LEB to An
9
1.0
1.0
3.2
3.1
4.4
4.5
1.0
1.0
4.9
5.0
ns
tPLH
tPHL
Propagation delay
LEA to BPAR or LEB to APAR
9
2.0
1.7
6.8
6.3
8.3
7.9
2.0
1.7
9.7
9.0
ns
tPLH
tPHL
Propagation delay
LEA to ERRA or LEB to ERRB
7
2.0
2.0
6.3
7.1
8.3
9.2
2.0
2.0
9.6
10.3
ns
tPZH
tPZL
Output enable time
OEA to An, APAR or OEB to Bn, BPAR
11, 12
1.0
1.0
3.0
3.4
4.3
4.8
1.0
1.0
5.1
5.4
ns
tPHZ
tPLZ
Output disable time
OEA to An, APAR or OEB to Bn, BPAR
11, 12
1.0
0.5
3.4
3.0
4.7
4.2
1.0
0.5
5.5
4.7
ns
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = –40 to +85oC
VCC = +5.0V ±10%
CL = 50pF
RL = 500Ω
UNIT
Min
Typ
Max
Min
Max
ts(H)
ts(L)
Setup time, High or Low
An, APAR to LEA or Bn, BPAR to LEB
10
2.0
1.5
0.4
0.0
2.0
1.5
ns
th(H)
th(L)
Hold time, High or Low
An, APAR to LEA or Bn, BPAR to LEB
10
1.5
1.0
0.0
–0.2
1.5
1.0
ns
tw(H)
Pulse width, High
LEA or LEB
10
3.0
1.9
3.0
ns


Similar Part No. - 74ABT899

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CMSA FAIRCHILD-74ABT899CMSA Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CQC FAIRCHILD-74ABT899CQC Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CSC FAIRCHILD-74ABT899CSC Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results

Similar Description - 74ABT899

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
   8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com