Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC474MP86 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC474MP86
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC474MP86 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC474MP86 Datasheet HTML 1Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 2Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 3Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 4Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 5Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
5 - 424
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application Circuit
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1RFIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
3
RFOUT
RF output and DC Bias (Vcc) for the output stage.
2, 4
GND
These pins must be connected to RF/DC ground.
Recommended Component Values for Key Application Frequencies
Component
Frequency (MHz)
50
900
1900
2200
2400
3500
5200
5500
L1
270 nH
56 nH
18 nH
18 nH
15 nH
8.2 nH
6.8 nH
3.3 nH
C1, C2
0.01 μF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
Note:
1. External blocking capacitors are required on
RFIN and RFOUT.
2. RBIAS provides DC bias stability over temperature.
Recommended Bias Resistor Values
for Icc= 25 mA, Rbias= (Vs - Vcc) / Icc
Supply Voltage (Vs)
3V
5V
6V
8V
10V
RBIAS VALUE
30 Ω
110 Ω
150 Ω
240 Ω
300 Ω
RBIAS POWER RATING
1/8 W
1/8 W
1/4 W
1/2 W
1/2 W
HMC474MP86 / 474MP86E
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6.0 GHz
v01.0705


Similar Part No. - HMC474MP86

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC474MP86 HITTITE-HMC474MP86 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474MP86E HITTITE-HMC474MP86E Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474MP86 HITTITE-HMC474MP86_09 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results

Similar Description - HMC474MP86

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC476MP86 HITTITE-HMC476MP86 Datasheet
207Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC482ST89 HITTITE-HMC482ST89 Datasheet
333Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com