Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC451 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC451
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5.0 - 20.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC451 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC451 Datasheet HTML 1Page - Hittite Microwave Corporation HMC451 Datasheet HTML 2Page - Hittite Microwave Corporation HMC451 Datasheet HTML 3Page - Hittite Microwave Corporation HMC451 Datasheet HTML 4Page - Hittite Microwave Corporation HMC451 Datasheet HTML 5Page - Hittite Microwave Corporation HMC451 Datasheet HTML 6Page - Hittite Microwave Corporation HMC451 Datasheet HTML 7Page - Hittite Microwave Corporation HMC451 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1
1 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1RF IN
This pad is AC coupled and matched to 50 Ohms from
5 - 20 GHz.
2, 3
Vdd1, Vdd2
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
4
RF OUT
This pad is AC coupled and matched to 50 Ohms from
5 - 20 GHz.
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004” SQUARE
4. BACKSIDE METALLIZATION: GOLD
5. BOND PAD METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
8. OVERALL DIE SIZE ± .002
Die Packaging Information [1]
Standard
Alternate
GP-2
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC451
v00.0305
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5.0 - 20.0 GHz


Similar Part No. - HMC451

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC451 HITTITE-HMC451 Datasheet
273Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
logo
Micross Components
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
   Point-to-Point Radios
logo
Analog Devices
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3 Datasheet
240Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
More results

Similar Description - HMC451

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
logo
Mimix Broadband
XL1005 MIMIX-XL1005 Datasheet
153Kb / 6P
   5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
XL1005-BD MIMIX-XL1005-BD Datasheet
153Kb / 6P
   5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
   Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com