Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3549-1000 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3549-1000
Description  3M D Ribbon Wiremount Socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3549-1000 Datasheet(HTML) 1 Page - 3M Electronics

  3549-1000 Datasheet HTML 1Page - 3M Electronics 3549-1000 Datasheet HTML 2Page - 3M Electronics 3549-1000 Datasheet HTML 3Page - 3M Electronics 3549-1000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Ribbon Wiremount Socket
Bailmount Option
3000 Series
Physical
Electrical
Environmental
*RoHS = Directive 2002/95/EC,
Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating:
Underplating: 100
µ″ (2.54 µm) Nickel - QQ-N-290, Class 2
Wiping Area: 30
µ″ (0.76 µm) Gold - MIL-G-45204, Type II, Grade C
Strain Relief
Material: Stainless Steel - .012 [ 0.30 ] Thick
Wire Accommodation: 26 & 28 AWG Solid or Stranded
Marking:
3M Logo, Part Number Identification, Position 1
Current Rating:
1 A
Insulation Resistance: > 1
× 109Ω at 500 VDC
Withstanding Voltage:
1000 Vrms at Sea Level
Temperature Rating:
-55
°C to +105°C
• Accepts 26-28 AWG wire
• Accepts .050 inch round, flat or jacketed cable
• Low profile
• Flexible design offers various mounting
applications
• Contact design efficiency enables
multiple insertion/withdrawals
• RoHS* compliant
TS-0820-08
Sheet 1 of 3
Date Modified: March 9, 2005
UL File No.: E68080


Similar Part No. - 3549-1000

ManufacturerPart #DatasheetDescription
logo
Heyco.
3549-P HEYCO-3549-P Datasheet
134Kb / 1P
   Heyco® Nylon Liquid Tight Threaded Plugs
3549-P HEYCO-3549-P Datasheet
134Kb / 1P
   Nylon Liquid Tight Threaded Plugs
More results

Similar Description - 3549-1000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
   3M??D Ribbon Wiremount Plug
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
3572-1000 3M-3572-1000_07 Datasheet
235Kb / 4P
   3M??D Ribbon Wiremount Plug
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
451-SERIES 3M-451-SERIES Datasheet
126Kb / 2P
   Ribbon Cable Wiremount Socket Assembly
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
   3M Pak 50 Low Profile Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com