Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC382LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC382LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC382LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC382LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 130
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC382LP3 / 382LP3E
GaAs PHEMT MMIC
LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
v00.1005
General Description
Features
Functional Diagram
The HMC382LP3 & HMC382LP3E high dynamic
range GaAs PHEMT MMIC Low Noise Amplifiers are
ideal for GSM & CDMA cellular basestation front-end
receivers operating between 1.7 and 2.2 GHz. This
LNA has been optimized to provide 1.0 dB noise figure,
17 dB gain and +30 dBm output IP3 from a single
supply of +5.0V. Input and output return losses are
13 dB typical and the LNA requires no external mat-
ching components. The HMC382LP3 & HMC382LP3E
share the same package and pinout with the
HMC376LP3 0.7 - 1.0 GHz LNA. The HMC382LP3 &
HMC382LP3E feature an externally adjustable supply
current which allows the designer to tailor the linearity
performance of the LNA for each application.
Noise Figure: 1.0 dB
Output IP3: +30 dBm
Gain: 17 dB
Externally Adjustable Supply Current
Single Positive Supply: +5.0V
50 Ohm Matched Input/Output
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2 = +5V, Rbias = 16 Ohms*
Typical Applications
The HMC382LP3 / HMC382LP3E is ideal for:
• Cellular/3G Infrastructure
• Base Stations & Repeaters
• CDMA, W-CDMA, & TD-SCDMA
• GSM/GPRS & EDGE
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.7 - 1.9
1.9 - 2.0
2.0 - 2.1
2.1 - 2.2
GHz
Gain
14
17
12
15
11
14
9
12
dB
Gain Variation Over Temperature
0.01
0.015
0.01
0.015
0.01
0.015
0.01
0.015
dB/°C
Noise Figure
1.0
1.3
1.05
1.35
1.15
1.45
1.2
1.5
dB
Input Return Loss
13
12
11
10
dB
Output Return Loss
10
13
12
9
dB
Reverse Isolation
37
36
35
35
dB
Output Power for
1dB Compression (P1dB)
16
16
15.5
14
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone,
1 MHz tone spacing)
29.5
30
30
29.5
dBm
Supply Current (Idd1 + Idd2)
67
67
67
67
mA
* Rbias resistor value sets current. See application circuit herein.


Similar Part No. - HMC382LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC382LP3 HITTITE-HMC382LP3 Datasheet
214Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC382LP3 AD-HMC382LP3 Datasheet
327Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC382LP3E HITTITE-HMC382LP3E Datasheet
214Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC382LP3E AD-HMC382LP3E Datasheet
327Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC382LP3 HITTITE-HMC382LP3_10 Datasheet
214Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC382LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC382LP3 HITTITE-HMC382LP3_10 Datasheet
214Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_10 Datasheet
218Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_06 Datasheet
311Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
   GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com