Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC329LC3B Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC329LC3B
Description  GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC329LC3B Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC329LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC329LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC329LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC329LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC329LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC329LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
7 - 189
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs.
Temperature @ LO = +13 dBm
Conversion Gain vs. LO Drive
Isolation vs.
Frequency @ LO +13 dBm
IF Bandwidth and IF Return Loss
@ LO = +13 dBm
LO and RF Return Loss
@ LO = +13 dBm
Upconverter Performance vs. LO Drive
HMC329LM3
GaAs MMIC DOUBLE-BALANCED
SMT MIXER, 26 - 40 GHz
v01.0505
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
24
26
28
30
32
34
36
38
40
42
+ 25 C
+ 85 C
- 40 C
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
24
26
28
30
32
34
36
38
40
42
RF RETURN LOSS
LO RETURN LOSS
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
02468
10
12
CONVERSION GAIN
IF RETURN LOSS
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
24
26
28
30
32
34
36
38
40
42
+ 9 dBm
+ 11 dBm
+ 13 dBm
+ 15 dBm
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
24
26
28
30
32
34
36
38
40
42
+ 9 dBm
+ 11 dBm
+ 13 dBm
+ 15 dBm
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
24
26
28
30
32
34
36
38
40
42
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)


Similar Part No. - HMC329LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LC3B HITTITE-HMC329LC3B Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC329LC3B HITTITE-HMC329LC3B_09 Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
More results

Similar Description - HMC329LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LC3B HITTITE-HMC329LC3B_09 Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC560 HITTITE-HMC560 Datasheet
289Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC-C014 HITTITE-HMC-C014 Datasheet
445Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER MODULE, 16 - 32 GHz
HMC560LM3 HITTITE-HMC560LM3 Datasheet
330Kb / 8P
   GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC560LM3 HITTITE-HMC560LM3_08 Datasheet
229Kb / 8P
   GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com