Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC276LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC276LP4E
Description  GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC276LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC276LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC276LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC276LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC276LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC276LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC276LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC276LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC276LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8
8 - 142
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
DC Blocking And Decoupling Capacitors
The HMC276LP4 requires DC blocks on all 6 RF ports (OP1, OP2, VL, HL, VH, HH). Characterization on the
HMC276LP4 was done using 0402 size 330pF capacitors on all RF ports. A 1,000 pF DC decoupling capacitor (0603
size) is recommended for the Vdd pin.
Truth Table
Control Input
Output
to Input State
RF Path State
State
HV 1
Tone 1
HV 2
Tone 2
OP1
OP2
VL to
OP1
HL to
OP1
VH to
OP1
HH to
OP1
VL to
OP2
HL to
OP2
VH to
OP2
HH to
OP2
1
0
0
0
0
VL
VL
LOSS
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
2
0
0
0
1
VL
VH
LOSS
ISOL
ISOL
ISOL
ISOL
ISOL
LOSS
ISOL
3
0
0
1
0
VL
HL
LOSS
ISOL
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
4
0
0
1
1
VL
HH
LOSS
ISOL
ISOL
ISOL
ISOL
ISOL
ISOL
LOSS
5
0
1
0
0
VH
VL
ISOL
ISOL
LOSS
ISOL
LOSS
ISOL
ISOL
ISOL
6
0
1
0
1
VH
VH
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
LOSS
ISOL
7
0
1
1
0
VH
HL
ISOL
ISOL
LOSS
ISOL
ISOL
LOSS
ISOL
ISOL
8
0
1
1
1
VH
HH
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
ISOL
LOSS
9
1
0
0
0
HL
VL
ISOL
LOSS
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
10
1
0
0
1
HL
VH
ISOL
LOSS
ISOL
ISOL
ISOL
ISOL
LOSS
ISOL
11
1
0
1
0
HL
HL
ISOL
LOSS
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
12
1
0
1
1
HL
HH
ISOL
LOSS
ISOL
ISOL
ISOL
ISOL
ISOL
LOSS
13
1
1
0
0
HH
VL
ISOL
ISOL
ISOL
LOSS
LOSS
ISOL
ISOL
ISOL
14
1
1
0
1
HH
VH
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
LOSS
ISOL
15
1
1
1
0
HH
HL
ISOL
ISOL
ISOL
LOSS
ISOL
LOSS
ISOL
ISOL
16
1
1
1
1
HH
HH
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
LOSS
Control Voltages
HV1, Tone1, HV2, Tone2
Bias Voltage
Vdd Range = +5.0 Vdc ± 10 %
Vdd
(Vdc)
Idd (Typ.)
(mA)
Idd (Max.)
(mA)
+5.0
1
1.5
State
Bias Condition
Low (0)
0 to 0.8 Vdc @ 5 μA Typical
High (1)
+2.0 to +5.0 Vdc @ 25 μA Typical
HMC276LP4 / HMC276LP4E
GaAs MMIC 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz
v00.0505


Similar Part No. - HMC276LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276LP4E HITTITE-HMC276LP4E Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4E HITTITE-HMC276LP4E Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
More results

Similar Description - HMC276LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_09 Datasheet
357Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC596LP4 HITTITE-HMC596LP4 Datasheet
452Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hexawave, Inc
HWS428 HW-HWS428 Datasheet
103Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
Hittite Microwave Corpo...
HMC596LP4 HITTITE-HMC596LP4_09 Datasheet
329Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Analog Devices
HMC596LP4 AD-HMC596LP4 Datasheet
490Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hexawave, Inc
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS412 HW-HWS412 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com