Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2412-6172TB Datasheet(PDF) 2 Page - 3M Electronics

Part # 2412-6172TB
Description  100 and 100 X 100 Pin Strip Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2412-6172TB Datasheet(HTML) 2 Page - 3M Electronics

  2412-6172TB Datasheet HTML 1Page - 3M Electronics 2412-6172TB Datasheet HTML 2Page - 3M Electronics 2412-6172TB Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″ and .100″  .100″ Pin Strip Header
Straight & Right Angle, Solder Tail
2400 Series
Pin Quantity
One
Row
Two
Row
Dimension
C
01
0.09 [ 2.3]
02
04
0.19 [ 4.8]
03
06
0.29 [ 7.4]
04
08
0.39 [ 9.9]
05
10
0.49 [12.4]
06
12
0.59 [15.0]
07
14
0.69 [17.5]
08
16
0.79 [20.1]
09
18
0.89 [22.6]
10
20
0.99 [25.1]
11
22
1.09 [27.7]
12
24
1.19 [30.2]
13
26
1.29 [32.8]
14
28
1.39 [35.3]
15
30
1.49 [37.8]
16
32
1.59 [40.4]
17
34
1.69 [42.9]
18
36
1.79 [45.5]
19
38
1.89 [48.0]
20
40
1.99 [50.5]
21
42
2.09 [53.1]
22
44
2.19 [55.6]
23
46
2.29 [58.2]
24
48
2.39 [60.7]
25
50
2.49 [63.2]
26
52
2.59 [65.8]
27
54
2.69 [68.3]
28
56
2.79 [70.9]
29
58
2.89 [73.4]
30
60
2.99 [75.9]
31
62
3.09 [78.5]
32
64
3.19 [81.0]
33
66
3.29 [83.6]
34
68
3.39 [86.1]
35
70
3.49 [88.6]
36
72
3.59 [91.2]
37
74
3.69 [93.7]
38
76
3.79 [96.3]
39
78
3.89 [98.8]
40
80
3.98 [101.1]
Tail (Dim B)
One Row
12=.112
″ Solder Tails
13=.155
″ Solder Tails
32=.112
″ Kinked Solder Tails
Pin Length
(Dim A)
1 = .235
2 = .318
Pin Quantity:
(See Table)
One Row (01–40)
Two Row (04–80)
.015
± .002
[ 0.38 ]
∅ .035 ± .003
[0.89 ]
(See Note 2)
.100
± .003 Typ
[ 2.54 ]
.028
± .001
[ 0.71 ]
.0245
± .0005
[ 0.622 ]
24XX-6XXXTB
Ordering Information
Recommended Mounting Hole Pattern
R .0075 Ref
[ 0.190 ]
Pin Cross Section
TS-0767-03
Sheet 2 of 3
B
 .010
.048
[1.22]
A
 .008
.100
[2.54]
.04
[1.0]
.096
[2.44]
.100
[2.54]
C +.020
–.005
(See note 1)
Notes;
1. This part is molded in the 40 contact quantity version. Parts that require fewer contacts are
broken to length. Dimension “C” is measured from a “Molded End” to the “Center of the Break
Point” beyond the desired quantity. On Pin Strips, which have break points on both ends, “C” =
.100
″ x contact quantity per row.
2. The recommended PCB hole size for the kinked tail positions on the .112
″ solder tail connector is
.035
″ ± .002. Refer to TS-0971 for the number of tails kinked and the position kinked.
.0
.00
Inch
[mm]
Inch
± .005
± .1 ± .01
Tolerance Unless Noted
.000
[
] Dimensions for
Reference Only
®
®
.100
[2.54]
.048
[1.22]
B
 .008
C +.020
– .005
(See Note 1)
.196
[4.98]
.035  .003
[0.89]
(See Note 2)
.100
 .003
[2.54]
.100
 .003
[2.54]
Two Row
22=.112
″ Solder Tails
23=.155
″ Solder Tails
72=.112
″ Kinked Solder Tails
A
 .008
.04
[1.0]
Straight


Similar Part No. - 2412-6172TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2412-005 ETC2-2412-005 Datasheet
156Kb / 2P
   ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
2412-010 ETC2-2412-010 Datasheet
156Kb / 2P
   ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
2412-025 ETC2-2412-025 Datasheet
156Kb / 2P
   ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
2412-050 ETC2-2412-050 Datasheet
156Kb / 2P
   ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
2412-100 ETC2-2412-100 Datasheet
156Kb / 2P
   ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
More results

Similar Description - 2412-6172TB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
   .100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
   .100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
M2MXT-2036R 3M-M2MXT-2036R Datasheet
121Kb / 4P
   Fits standard .100 x 100 header layout
logo
Adam Technologies, Inc.
BHR-34-VUA-LL ADAM-TECH-BHR-34-VUA-LL Datasheet
116Kb / 1P
   .100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
4600 3M-4600 Datasheet
45Kb / 4P
   100 X 100, Plug
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com