Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC260LC3B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC260LC3B
Description  GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC260LC3B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC260LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC260LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC260LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC260LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC260LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC260LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 112
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
MxN Spurious Outputs
Input IP2 vs. Temperature *
Input IP3 vs. LO Drive *
Input IP3 vs. Temperature *
Input IP2 vs. LO Drive *
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
Input P1dB vs. Temperature
nLO
mRF
0
1234
0xx
-2
17
xx
xx
1180
38
50
78
282
74
71
65
84
3xx
90
95
77
90
4xx
xx
93
98
104
RF = 18 GHz @ -10 dBm
LO = 17 GHz @ +13 dBm
All values in dBc below the IF output power level.
0
5
10
15
20
25
13
15
17
19
21
23
25
27
+9 dBm
+11 dBm
+13 dBm
+15 dBm
LO FREQUENCY (GHz)
0
5
10
15
20
25
13
15
17
19
21
23
25
27
+25 C
+85 C
-40 C
LO FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
13
15
17
19
21
23
25
27
+9 dBm
+11 dBm
+13 dBm
+15 dBm
LO FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
13
15
17
19
21
23
25
27
+25 C
+85 C
-40 C
LO FREQUENCY (GHz)
6
8
10
12
14
16
18
13
15
17
19
21
23
25
27
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC260LC3B
GaAs MMIC FUNDAMENTAL
MIXER, 14 - 26 GHz
v00.0405


Similar Part No. - HMC260LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260LC3B HITTITE-HMC260LC3B Datasheet
193Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B_09 Datasheet
193Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
More results

Similar Description - HMC260LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260_09 Datasheet
226Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B_09 Datasheet
193Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC773 HITTITE-HMC773 Datasheet
244Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B_09 Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com