Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUN2130 Datasheet(PDF) 5 Page - Hi-Sincerity Mocroelectronics

Part # HUN2130
Description  PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HUN2130 Datasheet(HTML) 5 Page - Hi-Sincerity Mocroelectronics

  HUN2130 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN2130 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN2130 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN2130 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN2130 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200301
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 5/5
HUN21XX Series
HSMC Product Specification
Soldering Methods for HSMC’s Products
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (T
L to TP)<3
oC/sec
<3
oC/sec
Preheat
- Temperature Min (Ts
min)
- Temperature Max (Ts
max)
- Time (min to max) (ts)
100
oC
150
oC
60~120 sec
150
oC
200
oC
60~180 sec
Tsmax to T
L
- Ramp-up Rate
<3
oC/sec
<3
oC/sec
Time maintained above:
- Temperature (T
L)
- Time (t
L)
183
oC
60~150 sec
217
oC
60~150 sec
Peak Temperature (T
P)
240
oC +0/-5oC
260
oC +0/-5oC
Time within 5
oC of actual Peak
Temperature (t
P)
10~30 sec
20~40 sec
Ramp-down Rate
<6
oC/sec
<6
oC/sec
Time 25
oC to Peak Temperature
<6 minutes
<8 minutes
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245
oC
±5oC
5sec
±1sec
Pb-Free devices.
260
oC +0/-5oC
5sec
±1sec
Figure 1: Temperature profile
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - HUN2130

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HUN21XX HSMC-HUN21XX Datasheet
47Kb / 5P
   Simplifies Circuit Design
More results

Similar Description - HUN2130

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
logo
Shanghai Leiditech Elec...
LMUN21XXLT1G LEIDITECH-LMUN21XXLT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com