Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT833PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT833PW
Description  Octal transceiver with parity generator/checker 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT833PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT833PW Datasheet HTML 1Page - NXP Semiconductors 74ABT833PW Datasheet HTML 2Page - NXP Semiconductors 74ABT833PW Datasheet HTML 3Page - NXP Semiconductors 74ABT833PW Datasheet HTML 4Page - NXP Semiconductors 74ABT833PW Datasheet HTML 5Page - NXP Semiconductors 74ABT833PW Datasheet HTML 6Page - NXP Semiconductors 74ABT833PW Datasheet HTML 7Page - NXP Semiconductors 74ABT833PW Datasheet HTML 8Page - NXP Semiconductors 74ABT833PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Product specification
74ABT833
Octal transceiver with parity generator/checker
(3-State)
1993 Jun 21
5
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
Min
Max
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage, ERROR
5.5
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
5
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
IOH
High-level output current
ERROR ONLY
VCC = 5.5V; VOH = 5.5V; VI = VIL or VIH
20
20
µA
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
3.5
2.5
V
VOH
High-level output voltage
All outputs except ERROR
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
4.0
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.6
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
II
Input leakage
Control pins
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
current
Data pins
VCC = 5.5V; VI = GND or 5.5V
±5
±100
±100
µA
IOFF
Power-off leakage current
VCC = 0.0V; VI or VO ≤ 4.5V
±5.0
±100
±100
V
IPUIPD
Power-up/down 3-State
output current3
VCC = 2.0V; or VO = 0.5V; VI = GND or VCC;
V OE = Don’t care
±5.0
±50
±50
V
IIH + IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IIL + IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–80
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
50
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
20
30
30
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
50
250
250
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
0.3
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This parameter is valid for any VCC between 0V and 2.1, with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V ± 10%, a
transition of up to 100
µsec is permitted. The ERROR output pin 10 is not included in this spec due to the open collector design.


Similar Part No. - 74ABT833PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
74ABT834D PHILIPS-74ABT834D Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
74ABT834N PHILIPS-74ABT834N Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
More results

Similar Description - 74ABT833PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com