Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7812BI Datasheet(PDF) 11 Page - Hi-Sincerity Mocroelectronics

Part # H7812BI
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7812BI Datasheet(HTML) 11 Page - Hi-Sincerity Mocroelectronics

Back Button H7812BI Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H7812BI Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H7812BI Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H7812BI Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H7812BI Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H7812BI Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics H7812BI Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics H7812BI Datasheet HTML 11Page - Hi-Sincerity Mocroelectronics H7812BI Datasheet HTML 12Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200405
Issued Date : 2004.04.01
Revised Date : 2006.01.19
Page No. : 11/12
H78XXAJ / BJ, H78XXAI / BI, H78XXANE / BNE, H78XXAE / BE
HSMC Product Specification
SOT-82 Dimension
TO-220AB Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931
B
A
C
D
E
F
G
J
H
I
K
a1
12
3
a1
r3
L
a1
a1
M
N
r1
r2
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
Tab
F
J
L
3-Lead SOT-82
Plastic Package
HSMC Package Code: NE
Marking:
HN E
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
78
Product Series
(05,06,08,09,12)
Control Code
Date Code
Note: Green label is used for pb-free packing
Pin Style: 1.Input 2.Ground 3.Output
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
DIM
Min.
Max.
A
7.57
7.67
B
5.44
5.54
C
3.78
3.98
D
10.88
10.98
E
10.25
10.75
F-
*1.27
G-
*0.76
H
1.16
1.26
I-
*0.76
J
4.52
4.62
K
2.49
2.59
L
1.10
1.20
M-
*0.60
N
1.22
1.32
a1
-
*3o
r1
-
φ3.10
r2
-
R1.70
r3
-
R0.20
*: Typical, Unit: mm
Marking:
Control Code
Date Code
HE
78
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Product Series
(05,06,08,09,12)
Note: Green label is used for pb-free packing
Pin Style: 1.Input 2.Ground 3.Output
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-220AB
Plastic Package
HSMC Package Code: E
DIM
Min.
Max.
A
5.58
7.49
B
8.38
8.90
C
4.40
4.70
D
1.15
1.39
E
0.35
0.60
F
2.03
2.92
G
9.66
10.28
H
-
*16.25
I-
*3.83
J
3.00
4.00
K
0.75
0.95
L
2.54
3.42
M
1.14
1.40
N-
*2.54
O
12.70
14.27
P
14.48
15.87
*: Typical, Unit: mm


Similar Part No. - H7812BI

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7812BI HSMC-H7812BI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H7812BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com