Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H9926S Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H9926S
Description  Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H9926S Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H9926S Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H9926S Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H9926S Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H9926S Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200508
Issued Date : 2005.08.01
Revised Date : 2005.10.06
Page No. : 2/4
H9926S, H9926CS
HSMC Product Specification
Electrical Characteristics (T
A=25°C, unless otherwise noted)
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
• Static
BV
DSS
Drain-Source Breakdown Voltage
V
GS=0V, ID=250uA
20
-
-
V
V
GS=2.5V, ID=5.2A
-
34
40
R
DS(on)
Drain-Source On-State Resistance
V
GS=4.5V, ID=6A
-
25
30
m
V
GS(th)
Gate Threshold Voltage
V
DS=VGS, ID=250uA
0.6
-
1.5
V
I
DSS
Zero Gate Voltage Drain Current
V
DS=20V, VGS=0V
-
-
1
uA
I
GSS
Gate-Body Leakage Current
V
GS=±12V, VDS=0V
--
±100
nA
g
FS
Forward Transconductance
V
DS=10V, ID=6A
7
13
-
S
• Dynamic
Q
g
Total Gate Charge
-
4.86
-
Q
gs
Gate-Source Charge
-
0.92
-
Q
gd
Gate-Drain Charge
V
DS=10V, ID=6A, VGS=4.5V
-1.4
-
nC
C
iss
Input Capacitance
-
562
-
C
oss
Output Capacitance
-
106
-
C
rss
Reverse Transfer Capacitance
V
DS=8V, VGS=0V, f=1MHz
-75
-
pF
t
d(on)
Turn-on Delay Time
-
8.1
-
t
r
Turn-on Rise Time
-
9.95
-
t
d(off)
Turn-off Delay Time
-
21.85
-
t
f
Turn-off Fall Time
V
DD=10V, ID=1A, VGS=4.5V
R
GEN=6Ω
-5.35
-
ns
• Drain-Source Diode Characteristics
I
S
Maximum Diode Forward Current
-
-
1.7
A
V
SD
Drain-Source Diode Forward Voltage
V
GS=0V, IS=1.7A
-
-
1.2
V
Note: Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%
G
S
D
R
D
V
DD
V
OUT
V
IN
R
G
V
GEN
Switching
Test Circuit
t
d(on)
t
on
t
r
90%
10%
50%
10%
Input, V
IN
Output, V
OUT
t
d(off)
t
off
t
f
90%
10%
Inverted
90%
50%
Pulse Width
Switching
Waveforms


Similar Part No. - H9926S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H9926CTS HSMC-H9926CTS Datasheet
44Kb / 4P
   Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H9926TS HSMC-H9926TS Datasheet
44Kb / 4P
   Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
More results

Similar Description - H9926S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H8205 HSMC-H8205 Datasheet
53Kb / 4P
   Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H8205A HSMC-H8205A Datasheet
57Kb / 4P
   Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H9926TS HSMC-H9926TS Datasheet
44Kb / 4P
   Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
   20V Dual N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com