Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H78LXXBA Datasheet(PDF) 5 Page - Hi-Sincerity Mocroelectronics

Part # H78LXXBA
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H78LXXBA Datasheet(HTML) 5 Page - Hi-Sincerity Mocroelectronics

  H78LXXBA Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H78LXXBA Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H78LXXBA Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H78LXXBA Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H78LXXBA Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H78LXXBA Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H78LXXBA Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H78LXXBA Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H78LXXBA Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200403
Issued Date : 2004.03.01
Revised Date : 2004.08.31
Page No. : 5/10
H78LXXAM / BM, H78LXXAA / BA
HSMC Product Specification
H78L09XX Electrical Characteristics
V
IN=15V, IOUT=40mA, CIN=0.33uF, COUT=0.1uF, 0°C≤Tj≤125°C (unless otherwise specified)
H78L09AM/AA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
j=25°C
8.73
9
9.27
1mA
≤I
OUT≤70mA
V
O
Output Voltage
11.4V
≤V
IN≤24V, 1mA≤IOUT≤40mA
8.73
9
9.27
V
T
j=25°C, 11.4V≤VIN≤24V
-
80
200
Reg
line
Line Regulation
T
j=25°C, 12V≤VIN≤24V
-
20
160
mV
T
j=25°C, 1mA≤IOUT≤100mA
-17
90
Reg
load
Load Regulation
T
j=25°C, 1mA≤IOUT≤40mA
-8
45
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
6
mA
12V
≤V
IN≤24V, Tj=25
oC
--
1.5
∆I
B
Quiescent Current
Change
1mA
≤I
OUT≤40mA, Tj=25
oC
--
0.1
mA
V
N
Output Noise Voltage
10Hz
≤f≤100KHz, T
j=25°C
-65
-
uVrms
RR
Ripple Rejection
12V
≤V
IN≤24V, f=120Hz, Tj=25
oC
36
44
-
dB
V
D
Dropout Voltage
T
j=25°C, IOUT=100mA
-1.7
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
T
j=25°C
-1.5
2
A
T
CVO
Average Temperature
Coefficient of Output
Voltage
I
OUT=5mA
-
-
1
mV/
°C
H78L09BM/BA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
j=25°C
8.55
9
9.45
1mA
≤I
OUT≤70mA
V
O
Output Voltage
11.4V
≤V
IN≤24V, 1mA≤IOUT≤40mA
8.55
9
9.45
V
T
j=25°C, 11.4V≤VIN≤24V
-
80
200
Reg
line
Line Regulation
T
j=25°C, 12V≤VIN≤24V
-
20
160
mV
T
j=25°C, 1mA≤IOUT≤100mA
-17
90
Reg
load
Load Regulation
T
j=25°C, 1mA≤IOUT≤40mA
-8
45
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
6
mA
12V
≤V
IN≤24V, Tj=25
oC
--
1.5
∆I
B
Quiescent Current
Change
1mA
≤I
OUT≤40mA, Tj=25
oC
--
0.1
mA
V
N
Output Noise Voltage
10Hz
≤f≤100KHz, T
j=25°C
-65
-
uVrms
RR
Ripple Rejection
12V
≤V
IN≤24V, f=120Hz, Tj=25
oC
36
44
-
dB
V
D
Dropout Voltage
T
j=25°C, IOUT=100mA
-1.7
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
T
j=25°C
-1.5
2
A
T
CVO
Average Temperature
Coefficient of Output
Voltage
I
OUT=5mA
-
-
1
mV/
°C


Similar Part No. - H78LXXBA

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H78L05 HUASHAN-H78L05 Datasheet
60Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H78L06 HUASHAN-H78L06 Datasheet
139Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H78L08 HUASHAN-H78L08 Datasheet
154Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H78L09 HUASHAN-H78L09 Datasheet
139Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
H78L10 ETC2-H78L10 Datasheet
124Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
More results

Similar Description - H78LXXBA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com