Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7806AJ Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H7806AJ
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7806AJ Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H7806AJ Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7806AJ Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7806AJ Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H7806AJ Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H7806AJ Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H7806AJ Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H7806AJ Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H7806AJ Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H7806AJ Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200405
Issued Date : 2004.04.01
Revised Date : 2006.01.19
Page No. : 1/12
H78XXAJ / BJ, H78XXAI / BI, H78XXANE / BNE, H78XXAE / BE
HSMC Product Specification
H78XX Series
3-TERMINAL POSITIVE VOLTAGE REGULATORS
Description
The H78XX series can provide local on-card regulation, eliminating the
distribution problems associated with single point regulation. Each
employs internal current limiting, thermal shut-down and safe operating
area protection, making it essentially indestructible. If adequate heat
sinking is provided, they can deliver over 1A output current. Although
designed primarily as fixed voltage regulators, these devices can be used
with external components to obtain adjustable voltages and currents.
Features
• Output Current In Excess of 1A
• Output Voltages of 5V, 6V, 8V, 9V, 12V
• Internal Short-Circuit Current Limiting & Thermal Overload Protection
• Guaranteed In Extended Temperature Range
Absolute Maximum Ratings (T
A=25°C)
Characteristic
Symbol
Rating
Unit
Input Voltage
V
IN
40
V
Power Dissipation
P
D
Internally limited
(Note)
Operating Temperature
T
opr
-30 to 85
oC
Storage Temperature
T
stg
-55 to 150
oC
Junction Temperature
T
j
150
oC
Note: (1)TA=25
oC, TO-251: 1W, TO-252: 1W, SOT-82: 2.1W, TO-220AB: 2.7W
(2)TC=25
oC, All package: 10W
Thermal Data
Characteristic
Symbol
TO-252
TO-251
SOT-82
TO-220AB
Unit
Thermal Resistance Junction-Case
R
th(j-c)
12.5
12.5
12.5
12.5
oC/W
Thermal Resistance Junction-Ambient
R
th(j-a)
125
125
60
47
oC/W
Schematic Diagram & Equivalent Circuit
H78XX Series Pin Assignment
Schematic Diagram
Equivalent Circuit
1
2
3
Tab
1
2
3
1
3
2
Starting
Circuit
Reference
Voltage
Current
Generator
Error
Amplifier
SOA
Protection
Thermal
Protection
Series
Pass
Element
Output
GND
Input
1
2
3
Tab
3-Lead Plastic TO-251
Package Code: I
Pin 1: VIN
Pin 2 & Tab: GND
Pin 3: VOUT
3-Lead Plastic TO-252
Package Code: J
Pin 1: VIN
Pin 2 & Tab: GND
Pin 3: VOUT
1
2
3
Tab
3-Lead Plastic SOT-82
Package Code: NE
Pin 1: VIN
Pin 2: GND
Pin 3: VOUT
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: VIN
Pin 2 & Tab: GND
Pin 3: VOUT
VOUT
VIN


Similar Part No. - H7806AJ

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7806AJ HSMC-H7806AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H7806AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com