Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK95F502Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TK95F502Z
Description  INSULATED LEAD INTERCHANGEABLE CHIP THERMISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TK95F502Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TK95F502Z Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THERMOMETRICS NEW JERSEY
808 US Highway 1
Edison, New Jersey 08817-4695 USA
Tel +1 (732) 287 2870
Fax +1 (732) 287 8847
Email: sales@thermometrics.com
THERMOMETRICS UK
Crown Industrial Estate, Priorswood Rd
Taunton, Somerset TA2 8QY UK
Tel +44 (0)1823 335200
Fax +44 (0)1823 332637
Email: info@thermometrics.com
THERMOMETRICS ST MARYS
967 Windfall Road
St Marys, Pennsylvania 15857-3397 USA
Tel +1 (814) 834 9140
Fax +1 (814) 781 7969
Email: sales-pa@thermometrics.com
THERMOMETRICS KOREA
#302 3rd floor Bethel Bldg,
324-1 Yangjae-dong, Seocho-Ku, Seoul, Korea
Tel +82 (0)2 5765232, 5233
Fax +82 (0)2 576 5234
Email: thmkorea@bora.dacom.co.kr
NTC THERMISTORS: TYPE TK95
INSULATEDLEADINTERCHANGEABLECHIPTHERMISTOR
DESCRIPTION:
Epoxy coated interchangeable chip thermistor with
PTFE insulated nickel lead-wires.
FEATURES:
• Precision, solid state temperature sensor
• Interchangeability down to ±0.1 °C
• Suitable for use over range of –80°C to +150°C
• High sensitivity greater than –4% / °C at 25°C
• Suitable for temperature measurement,
control and compensation
• High stability in humid environments
(40°C/95% R.H.)
• Most popular R-vs-T curves are available
• Resin coated for good mechanical strength
and resistance to solvents
• 0.010" (.25 mm) dia. PTFE insulated lead-wires
DIMENSIONS:
Dimensions in mm
OPTIONS:
• Other resistance values in the range of
100
Ω - 100kΩ
• Other tolerances or ranges available
• Alternative lead wires or lengths
• Non standard R-vs-T curves
• Controlled dimensions
• Special sensor assemblies or enclosures
DATA:
THERMAL AND ELECTRICAL PROPERTIES:
Dissipation constant: ........ (still air) 1 mW/°C
...................................... (stirred oil) 8 mW/°C
Thermal time constant: ....... (still air) 10 sec.
.......................................... (stirred oil) 1 sec.
Maximum power at 25°C ..................... 75mW
.. (derated from 100% at 25°C to 0% at 100°C)
Data sheet D-TK-1
R 25 C
Material
system
0 C to 70 C
±
0.1 C
0 C to 70 C
±
0.2 C
0 C to 100 C
±
0.2 C
2000
F
TK95F202V
TK95F202W
TK95F202Z
2252
F
TK95F232V
TK95F232W
TK95F232Z
3000
F
TK95F302V
TK95F302W
TK95F302Z
5000
F
TK95F502V
TK95F502W
TK95F502Z
10000
F
TK95F103V
TK95F103W
TK95F103Z
10000
Y
TK95Y103V
TK95Y103W
TK95Y103Z
30000
H
TK95H303V
TK95H303W
TK95H303Z
50000
G
TK95G503V
TK95G503W
TK95G503Z
100000
G
TK95G104V
TK95G104W
TK95G104Z
CODING:


Similar Part No. - TK95F502Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK95F502Z ETC2-TK95F502Z Datasheet
178Kb / 4P
   Thermometrics Thermistors
More results

Similar Description - TK95F502Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC30F232V ETC2-SC30F232V Datasheet
167Kb / 1P
   INSULATED LEAD INTERCHANGEABLE CHIP THERMISTOR
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
logo
List of Unclassifed Man...
NC1206KR151KB ETC2-NC1206KR151KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
   NTC Chip Thermistor
2019/12/24
logo
Abracon Corporation
ABNTC-0805 ABRACON-ABNTC-0805 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
logo
Shanghai Leiditech Elec...
CMFD102F3200HANT LEIDITECH-CMFD102F3200HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
logo
Abracon Corporation
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
logo
American Accurate Compo...
NTC5-103-F3950M AAC-NTC5-103-F3950M Datasheet
87Kb / 1P
   NTC CHIP THERMISTOR
logo
Eaton All Rights Reserv...
NRG EATON-NRG Datasheet
590Kb / 12P
   Epoxy sealed radial lead NTC thermistor
July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com