Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTD114TU-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTD114TU-7
Description  NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD114TU-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTD114TU-7 Datasheet HTML 1Page - Diodes Incorporated DDTD114TU-7 Datasheet HTML 2Page - Diodes Incorporated DDTD114TU-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30382 Rev. 2 - 2
1 of 3
DDTD (xxxx) U
www.diodes.com
ã Diodes Incorporated
DDTD (xxxx) U
NPN PRE-BIASED 500 mA SOT-323
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available
(DDTB)
·
Built-In Biasing Resistors, R1, R2
·
Also Available in Lead Free Version
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (1)
VCC
50
V
Input Voltage, (2) to (1)
DDTD113EU
DDTD123EU
DDTD143EU
DDTD114EU
DDTD122JU
DDTD113ZU
DDTD123YU
DDTD133HU
VIN
-10 to +10
-10 to +12
-10 to +30
-10 to +40
-5 to +5
-5 to +10
-5 to +12
-6 to +20
V
Input Voltage, (1) to (2)
DDTD123TU
DDTD143TU
DDTD114TU
DDTD114GU
VEBO (MAX)
5V
Output Current
All
IC
500
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
J
L
F
D
B C
H
K
G
IN
GND
OUT
3
2
1
Mechanical Data
·
Case: SOT-323, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Also Available in Lead Free Plating (Matte Tin
Finish). Please see Ordering Information,
Note 3, on Page 3
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code
(See Diagrams & Page 3)
·
Weight: 0.006 grams (approx.)
·
Ordering Information (See Page 3)
(2) IN
R
1
R
2
GND (1)
OUT (3)
P/N
R1 (NOM) R2 (NOM)
MARKING
DDTD113EU
DDTD123EU
DDTD143EU
DDTD114EU
DDTD122JU
DDTD113ZU
DDTD123YU
DDTD133HU
DDTD123TU
DDTD143TU
DDTD114TU
DDTD114GU
1K
2.2K
4.7K
10K
0.22K
1K
2.2K
3.3K
2.2K
4.7K
10K
0
1K
2.2K
4.7K
10K
4.7K
10K
10K
10K
OPEN
OPEN
OPEN
10K
N60
N61
N62
N63
N64
N65
N66
N67
N69
N70
N71
N72
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0
°
8
°
All Dimensions in mm
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
SPICE MODELS: DDTD113EU DDTD123EU DDTD143EU DDTD114EU DDTD122JU DDTD113ZU
DDTD123YU DDTD133HU DDTD123TU DDTD143TU DDTD114TU DDTD114GU


Similar Part No. - DDTD114TU-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD114TU DIODES-DDTD114TU Datasheet
115Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30382 Rev. 7 - 2
More results

Similar Description - DDTD114TU-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_1 Datasheet
79Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
DDTB113EU DIODES-DDTB113EU Datasheet
76Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30383 Rev. 5 - 2
DDTBXXXXU DIODES-DDTBXXXXU Datasheet
67Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTB122LU DIODES-DDTB122LU Datasheet
70Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTCXXXXU DIODES-DDTCXXXXU Datasheet
68Kb / 3P
   NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 2 - 2
DDTC122LU DIODES-DDTC122LU_1 Datasheet
78Kb / 3P
   NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 5 - 2
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com