Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST5199NL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SST5199NL
Description  Monolithic N-Channel JFET Duals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST5199NL Datasheet(HTML) 4 Page - Vishay Siliconix

  SST5199NL Datasheet HTML 1Page - Vishay Siliconix SST5199NL Datasheet HTML 2Page - Vishay Siliconix SST5199NL Datasheet HTML 3Page - Vishay Siliconix SST5199NL Datasheet HTML 4Page - Vishay Siliconix SST5199NL Datasheet HTML 5Page - Vishay Siliconix SST5199NL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SST/U5196NL
Series
Vishay Siliconix
New Product
www.vishay.com
7-4
Document Number: 72156
S-03468—Rev. B, 11-Mar-03
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
5
0- 5
-4
-3
-2
-1
4
2
1
0
030
20
10
40
50
3
2.6
2.2
1
3
Drain Current and Transconductance
vs. Gate-Source Cutoff Voltage
Gate Leakage Current
VGS(off) - Gate-Source Cutoff Voltage (V)
VDG - Drain-Gate Voltage (V)
0.1 pA
10 pA
1 pA
IDSS @ VDS = 15 V, VGS = 0 V
gfs @ VDG = 15 V, VGS = 0 V
f = 1 kHz
gfs
IDSS
IGSS @ 125
_C
IGSS @ 25
_C
TA = 125_C
TA = 25_C
200
mA
100 pA
1 nA
10 nA
100 nA
5
4
3
2
1
0
Output Characteristics
Output Characteristics
VDS - Drain-Source Voltage (V)
VDS - Drain-Source Voltage (V)
- 0.2 V
- 0.4 V
- 0.6 V
- 0.3 V
- 0.9 V
- 0.6 V
- 2.1 V
- 1.5 V
- 0.8 V
- 1.0 V
- 1.2 V
- 1.2 V
- 1.8 V
VGS(off) = -2 V
VGS = 0 V
5
4
3
2
1
0
VGS = 0 V
VGS(off) = -3 V
2
0
0.6
0.8
0.4
0.2
1
1.6
1.2
0.8
0.4
0
Output Characteristics
Output Characteristics
VDS - Drain-Source Voltage (V)
VDS - Drain-Source Voltage (V)
- 0.2 V
- 0.4 V
- 0.6 V
- 0.8 V
- 1.0 V
- 1.2 V
- 1.4 V
VGS(off) = -2 V
VGS = 0 V
2.5
2.0
1.5
1.0
0.5
0
0
0.6
0.8
0.4
0.2
1
VGS = 0 V
VGS(off) = -3 V
- 0.3 V
- 0.9 V
- 0.6 V
- 2.1 V
- 1.5 V
- 1.2 V
- 2.4 V
- 1.8 V
1.8
1.4
50
mA
IG @ ID = 200
mA
- 1.6 V
012
16
8
420
- 1.4 V
- 2.4 V
012
16
8
420
50
mA


Similar Part No. - SST5199NL

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST510 CALOGIC-SST510 Datasheet
23Kb / 2P
   Current Regulator Diode
logo
Linear Integrated Syste...
SST510 LINEAR-SST510 Datasheet
216Kb / 2P
   CURRENT REGULATING DIODES
logo
Vishay Siliconix
SST510 VISHAY-SST510 Datasheet
61Kb / 5P
   Current Regulator Diodes-POV(min) 45 V
Rev. C, 02-Jul-01
SST510 VISHAY-SST510 Datasheet
43Kb / 5P
   Current Regulator Diodes—POV(min) 45 V
Rev. C, 02-Jul-01
logo
Micross Components
SST510 MICROSS-SST510 Datasheet
324Kb / 1P
   Linear Systems replaces discontinued Siliconix SST510
More results

Similar Description - SST5199NL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5545JANTX VISHAY-2N5545JANTX Datasheet
51Kb / 5P
   Monolithic N-Channel JFET Duals
Rev. C, 04-Jun-01
2N5196 VISHAY-2N5196 Datasheet
59Kb / 6P
   Monolithic N-Channel JFET Duals
Rev. D, 04-Jun-01
logo
Micross Components
LS840_PDIP MICROSS-LS840_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS841_PDIP MICROSS-LS841_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS842_TO-78 MICROSS-LS842_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_TO-71 MICROSS-LS833_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_SOIC MICROSS-LS840_SOIC Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_TO-71 MICROSS-LS840_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS844_TO-71 MICROSS-LS844_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com