Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST5198NL Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SST5198NL
Description  Monolithic N-Channel JFET Duals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST5198NL Datasheet(HTML) 6 Page - Vishay Siliconix

  SST5198NL Datasheet HTML 1Page - Vishay Siliconix SST5198NL Datasheet HTML 2Page - Vishay Siliconix SST5198NL Datasheet HTML 3Page - Vishay Siliconix SST5198NL Datasheet HTML 4Page - Vishay Siliconix SST5198NL Datasheet HTML 5Page - Vishay Siliconix SST5198NL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SST/U5196NL
Series
Vishay Siliconix
New Product
www.vishay.com
7-6
Document Number: 72156
S-03468—Rev. B, 11-Mar-03
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
10
100
1 k
100 k
10 k
10
0
- 12
- 16
- 20
-8
-4
8
6
4
2
0
VGS - Gate-Source Voltage (V)
Common-Source Input Capacitance
vs. Gate-Source Voltage
VDS = 0 V
5 V
20 V
f = 1 MHz
5
0
- 12
- 20
-16
-8
-4
4
3
2
1
0
Common-Source Reverse Feedback
Capacitance vs. Gate-Source Voltage
VGS - Gate-Source Voltage (V)
VDS = 0 V
5 V
15 V
f = 1 MHz
16
12
8
4
0
20
Equivalent Input Noise Voltage vs. Frequency
f - Frequency (Hz)
VDS = 20 V
ID @ 200
mA
VGS = 0 V
2.5
2.0
1.5
1.0
0.5
0
0.01
0.1
1
Output Conductance vs. Drain Current
ID - Drain Current (mA)
TA = -55_C
125
_C
0.01
0.1
1
2.5
2.0
1.5
1.0
0.5
0
Common-Source Forward Transconductance
vs. Drain Current
ID - Drain Current (mA)
TA = -55_C
125
_C
1 k
0
-3
-5
-4
-2
-1
800
600
400
200
0
10
8
6
4
2
0
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
VGS(off) - Gate-Source Cutoff Voltage (V)
rDS @ ID = 100 mA, VGS = 0 V
gos @ VDS = 20 V, VGS = 0 V, f = 1 kHz
rDS
gos
25
_C
25
_C
VGS(off) = -2 V
VDS = 20 V
f = 1 kHz
VGS(off) = -2 V
VDS = 20 V
f = 1 kHz
15 V
20 V


Similar Part No. - SST5198NL

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST510 CALOGIC-SST510 Datasheet
23Kb / 2P
   Current Regulator Diode
logo
Linear Integrated Syste...
SST510 LINEAR-SST510 Datasheet
216Kb / 2P
   CURRENT REGULATING DIODES
logo
Vishay Siliconix
SST510 VISHAY-SST510 Datasheet
61Kb / 5P
   Current Regulator Diodes-POV(min) 45 V
Rev. C, 02-Jul-01
SST510 VISHAY-SST510 Datasheet
43Kb / 5P
   Current Regulator Diodes—POV(min) 45 V
Rev. C, 02-Jul-01
logo
Micross Components
SST510 MICROSS-SST510 Datasheet
324Kb / 1P
   Linear Systems replaces discontinued Siliconix SST510
More results

Similar Description - SST5198NL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5545JANTX VISHAY-2N5545JANTX Datasheet
51Kb / 5P
   Monolithic N-Channel JFET Duals
Rev. C, 04-Jun-01
2N5196 VISHAY-2N5196 Datasheet
59Kb / 6P
   Monolithic N-Channel JFET Duals
Rev. D, 04-Jun-01
logo
Micross Components
LS840_PDIP MICROSS-LS840_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS841_PDIP MICROSS-LS841_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS842_TO-78 MICROSS-LS842_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_TO-71 MICROSS-LS833_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_SOIC MICROSS-LS840_SOIC Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_TO-71 MICROSS-LS840_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS844_TO-71 MICROSS-LS844_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com