Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT54W1MH36BF-5 Datasheet(PDF) 7 Page - Micron Technology

Part # MT54W1MH36BF-5
Description  36Mb QDR?줚I SRAM 2-WORD BURST
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT54W1MH36BF-5 Datasheet(HTML) 7 Page - Micron Technology

Back Button MT54W1MH36BF-5 Datasheet HTML 3Page - Micron Technology MT54W1MH36BF-5 Datasheet HTML 4Page - Micron Technology MT54W1MH36BF-5 Datasheet HTML 5Page - Micron Technology MT54W1MH36BF-5 Datasheet HTML 6Page - Micron Technology MT54W1MH36BF-5 Datasheet HTML 7Page - Micron Technology MT54W1MH36BF-5 Datasheet HTML 8Page - Micron Technology MT54W1MH36BF-5 Datasheet HTML 9Page - Micron Technology MT54W1MH36BF-5 Datasheet HTML 10Page - Micron Technology MT54W1MH36BF-5 Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
4 MEG x 8, 4 MEG x 9, 2 MEG x 18, 1 MEG x 36
1.8V VDD, HSTL, QDRIIb2 SRAM
ADVANCE
36Mb: 1.8V VDD, HSTL, QDRIIb2 SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT54W2MH18B_A.fm - Rev 9/02
7
©2002, Micron Technology Inc.
2 MEG x 18 BALL ASSIGNMENT (TOP VIEW)
165-BALL FBGA
12
34
5
6
7
8
9
10
11
A
CQ#
VSS/SA1
SA
W#
BW1#2
K#
NC/SA3
R#
SA
VSS/SA4
CQ
B
NC
Q9
D9
SA
NC
K
BW0#5
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
SA
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQVSS
VSS
VSS
VDDQNC
D6
Q6
F
NC
Q12
D12
VDDQVDD
VSS
VDD
VDDQNC
NC
Q5
G
NC
D13
Q13
VDDQVDD
VSS
VDD
VDDQNC
NC
D5
H
DLL#
VREF
VDDQVDDQVDD
VSS
VDD
VDDQVDDQVREF
ZQ
J
NC
NC
D14
VDDQVDD
VSS
VDD
VDDQNC
Q4
D4
K
NC
NC
Q14
VDDQVDD
VSS
VDD
VDDQNC
D3
Q3
L
NC
Q15
D15
VDDQVSS
VSS
VSS
VDDQNC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
C#
SA
SA
SA
TMS
TDI
NOTE:
1. Expansion address: 2A for 144Mb
2. BW1# controls writes to D9:D17
3. Expansion address: 7A for 288Mb
4. Expansion address: 10A for 72Mb
5. BW0# controls writes to D0:D8


Similar Part No. - MT54W1MH36BF-5

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT540-CUR MARKTECH-MT540-CUR Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-HR-A MARKTECH-MT540-HR-A Datasheet
169Kb / 3P
   Standard LEDs
MT540-R2 MARKTECH-MT540-R2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
MT540-UG MARKTECH-MT540-UG Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-UG2 MARKTECH-MT540-UG2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
More results

Similar Description - MT54W1MH36BF-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636B RENESAS-R1Q2A3636B Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABG RENESAS-R1Q3A7236ABG_15 Datasheet
828Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com