Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5828 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS5828
Description  28:4 LVDS Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5828 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS5828 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CS5828
page 3 of 13
PIN DESCRIPTION
Name
I/O
Description
D0,D1,D2,D3,D4,
D6,D7
I
Parallel data input for Y0 LVDS channel. D[0] is LSB and D[7] is MSB. MSB is shifted out
first.
D8,D9,D12,D13,
D14,D15,D18
I
Parallel data input for Y1 LVDS channel. D[8] is LSB and D[18] is MSB.
D19,D20,D21,D22
,D24,D25,D26
I
Parallel data input for Y2 LVDS channel. D[19] is LSB and D[26] is MSB.
D27,D5,D10,D11,
D16,D17,D23
I
Parallel data input for Y3 LVDS channel. D[27] is LSB and D[23] is MSB.
CKIN
I
Parallel input clock.This clock signal is used for parallel data reference. It is also used by
the on-chip PLL to generate the 7X shift clock for parallel to serial conversion.
RF
I
Rise/fall select. This pin selects the polarity of the CKIN edge for data input. RF = 1
selects CKIN rise edge, and RF = 0 selects CKIN fall edge.
SHTDN
I
Shutdown control (low active). When SHTDN is low, the internal PLL is put into inhibit
mode and all LVDS output channels are shut off. This also resets all internal registers.
For normal operation, SHTDN should be set to high.
Y0P, Y0N
O
Y0 LVDS channel output. These are differential LVDS outputs for Y0 channel
corresponds to D0, D1, D2, D3, D4, D6, D7.
Y1P, Y1N
O
Y1 LVDS channel output. These are differential LVDS outputs for Y1 channel
corresponds to D8, D9, D12, D13, D14, D15, D18.
Y2P, Y2N
O
Y2 LVDS channel output. These are differential LVDS outputs for Y2 channel
corresponds to D19, D20, D21,D22, D24, D25, D26.
Y3P, Y3N
O
Y3 LVDS channel output. These are differential LVDS outputs for Y3 channel
corresponds to D27, D5, D10, D11, D16, D17, D23.
CKOP, CKON
O
Clock LVDS channel output. These are differential LVDS output for the replica of CKIN
signal. CKOP and CKON are derived from the internal phase lock loop and phase
aligned with the serial data output and can be used by the LVDS receiver for reference
edge.
PLL_VDD
P
Power supply for PLL circuit.
PLL_VSS
P
Power ground for PLL circuit.
LVDS_VDD
P
Power supply for output buffer circuits.
LVDS_VSS
P
Power ground for output buffer circuits.
VDD
P
Power supply for internal circuits.
VSS
P
Power ground for internal circuits.


Similar Part No. - CS5828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5820 ETC1-CS5820 Datasheet
135Kb / 12P
   21:3 LVDS Transmitter
CS5821 ETC1-CS5821 Datasheet
185Kb / 14P
   21:3 LVDS Receiver
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
   28:4 LVDS Transmitter
CS5825 ETC1-CS5825 Datasheet
127Kb / 13P
   28:4 LVDS Receiver
More results

Similar Description - CS5828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
   28:4 LVDS Transmitter
CS5825 ETC1-CS5825 Datasheet
127Kb / 13P
   28:4 LVDS Receiver
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
Rohm
BU8254KVT ROHM-BU8254KVT_13 Datasheet
456Kb / 21P
   35bit LVDS Transmitter
logo
Texas Instruments
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
Rohm
BU90T81 ROHM-BU90T81 Datasheet
531Kb / 14P
   27bit LVDS Transmitter
BU8254GUW ROHM-BU8254GUW Datasheet
450Kb / 21P
   35bit LVDS Transmitter
logo
Texas Instruments
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com