Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSD05 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJSD05
Description  350W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD05 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJSD05 Datasheet HTML 1Page - Pan Jit International Inc. PJSD05 Datasheet HTML 2Page - Pan Jit International Inc. PJSD05 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-MAY.17.2004
MOUNTING PAD LAYOUT
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3.0K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
IMPORTANT NOTICE
This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation
of the device in the application. The information will help the customer's technical experts determine that the device is
compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed
to be reliable and accurate. The specifications and information herein are subject to change without notice. New products
and improvements in products and product characterization are constantly in process. Therefore, the factory should be
consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright
owner.
The information presented in this document does not form part of any quotation or contract. The information presented is
believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the
publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
SOD-123
Unit: inch ( mm )
0.059(1.5)
0.094(2.4)


Similar Part No. - PJSD05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05 PANJIT-PJSD05 Datasheet
57Kb / 4P
   400W LOW CLAMPING VOLTAGE SINGLE TVS FOR PROTECTION
PJSD05CFN2 PANJIT-PJSD05CFN2 Datasheet
117Kb / 3P
   BI-DIRECTIONAL TVS
PJSD05CTG PANJIT-PJSD05CTG Datasheet
187Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05CTM PANJIT-PJSD05CTM Datasheet
119Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05CTM PANJIT-PJSD05CTM Datasheet
327Kb / 1P
   Low CapacitanceHigh Power TVS/ESD Protection
More results

Similar Description - PJSD05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS PANJIT-PJSD05TS Datasheet
45Kb / 3P
   120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD03TS PANJIT-PJSD03TS Datasheet
53Kb / 3P
   120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG28CUS23 KEC-PG28CUS23 Datasheet
408Kb / 3P
   Low Voltage EPD TVS Diode for ESD Protection in Portable Electronics
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com