Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT54W2MH18BF-4 Datasheet(PDF) 2 Page - Micron Technology

Part # MT54W2MH18BF-4
Description  36Mb QDR?줚I SRAM 2-WORD BURST
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT54W2MH18BF-4 Datasheet(HTML) 2 Page - Micron Technology

  MT54W2MH18BF-4 Datasheet HTML 1Page - Micron Technology MT54W2MH18BF-4 Datasheet HTML 2Page - Micron Technology MT54W2MH18BF-4 Datasheet HTML 3Page - Micron Technology MT54W2MH18BF-4 Datasheet HTML 4Page - Micron Technology MT54W2MH18BF-4 Datasheet HTML 5Page - Micron Technology MT54W2MH18BF-4 Datasheet HTML 6Page - Micron Technology MT54W2MH18BF-4 Datasheet HTML 7Page - Micron Technology MT54W2MH18BF-4 Datasheet HTML 8Page - Micron Technology MT54W2MH18BF-4 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
4 MEG x 8, 4 MEG x 9, 2 MEG x 18, 1 MEG x 36
1.8V VDD, HSTL, QDRIIb2 SRAM
ADVANCE
36Mb: 1.8V VDD, HSTL, QDRIIb2 SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT54W2MH18B_A.fm - Rev 9/02
2
©2002, Micron Technology Inc.
GENERAL DESCRIPTION (continued)
Since data can be transferred into and out of the
device on every rising edge of both clocks (K and K#, C
and C#), memory bandwidth is maximized while sys-
tem design is simplified by eliminating bus turn-
arounds.
Depth expansion is accomplished with port selects
for each port (read R#, write W#), which are received at
K rising edge. Port selects permit independent port
operation.
All synchronous inputs pass through registers con-
trolled by the K or K# input clock rising edges. Active
LOW byte writes (BWx#) permit byte or nibble write
selection. Write data and byte writes are registered on
the rising edges of both K and K#. The addressing
within each burst of two is fixed and sequential, begin-
ning with the lowest and ending with the highest
address. All synchronous data outputs pass through
output registers controlled by the rising edges of the
output clocks (C and C# if provided, otherwise K and
K#).
Four balls are used to implement JTAG test capabili-
ties: test mode select (TMS), test data-in (TDI), test
clock (TCK), and test data-out (TDO). JTAG circuitry is
used to serially shift data to and from the SRAM. JTAG
inputs use JEDEC-standard 1.8V I/O levels to shift data
during this testing mode of operation.
The SRAM operates from a +1.8V power supply, and
all inputs and outputs are HSTL-compatible. The
device is ideally suited for applications that benefit
from a high-speed, fully-utilized DDR data bus.
Please refer to Micron’s Web site (www.micron.com/
sramds) for the latest data sheet.
READ/WRITE OPERATIONS
All bus transactions operate on an uninterruptable
burst of two data, requiring one full clock cycle of bus
utilization. The resulting benefit is that short data
transactions can remain in operation on both buses
provided that the address rate can be maintained by
the system (2x the clock frequency).
READ cycles are pipelined. The request is initiated
by asserting R# LOW at K rising edge. Data is delivered
after the rising edge of K# (t + 1) using C and C# as the
output timing references or using K and K#, if C and C#
are tied HIGH. If C and C# are tied HIGH, they may not
be toggled during device operation. Output tri-stating
is automatically controlled such that the bus is
released if no data is being delivered. This permits
banked SRAM systems with no complex OE timing
generation. Back-to-back READ cycles are initiated
every K rising edge.
Figure 2
Functional Block Diagram: 2 Meg x 18
NOTE:
1. The functional block diagram illustrates simplified device operation. See truth table, ball descriptions, and timing diagrams for
detailed information. The x8, x9, and x36 operations are the same, with apporpriate adjustments of depth and width.
2. n = 20
ADDRESS
D (Data In)
n
n
R#
W#
K
K#
18
36
36
36
K#
K
R#
W#
BW0#
BW1#
K
n
2 x 36
MEMORY
ARRAY
C
ADDRESS
REGISTRY
& LOGIC
DATA
REGISTRY
& LOGIC
C, C#
or
K, K#
18
Q
(Data Out)
2
CQ, CQ#
(Echo Clock Out)
R
E
G
2
W
R
I
T
E
MUX
D
R
I
V
E
R
W
R
I
T
E
O
U
T
P
U
T
O
U
T
P
U
T
R
E
G
A
B
U
F
F
E
R
A
M
P
S
S
E
N
S
E
O
U
T
P
U
T
S
E
L
E
C
T


Similar Part No. - MT54W2MH18BF-4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT540-CUR MARKTECH-MT540-CUR Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-HR-A MARKTECH-MT540-HR-A Datasheet
169Kb / 3P
   Standard LEDs
MT540-R2 MARKTECH-MT540-R2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
MT540-UG MARKTECH-MT540-UG Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-UG2 MARKTECH-MT540-UG2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
More results

Similar Description - MT54W2MH18BF-4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636B RENESAS-R1Q2A3636B Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABG RENESAS-R1Q3A7236ABG_15 Datasheet
828Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com