Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5S21130SR3 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF5S21130SR3
Description  The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5S21130SR3 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF5S21130SR3 Datasheet HTML 1Page - Motorola, Inc MRF5S21130SR3 Datasheet HTML 2Page - Motorola, Inc MRF5S21130SR3 Datasheet HTML 3Page - Motorola, Inc MRF5S21130SR3 Datasheet HTML 4Page - Motorola, Inc MRF5S21130SR3 Datasheet HTML 5Page - Motorola, Inc MRF5S21130SR3 Datasheet HTML 6Page - Motorola, Inc MRF5S21130SR3 Datasheet HTML 7Page - Motorola, Inc MRF5S21130SR3 Datasheet HTML 8Page - Motorola, Inc MRF5S21130SR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MRF5S21130 MRF5S21130R3 MRF5S21130S MRF5S21130SR3
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
η
2220
2060
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 3. 2–Carrier W–CDMA Broadband Performance
-30
-10
-15
-20
-25
VDD = 28 Vdc, Pout = 28 W (Avg.), IDQ = 1200 mA
2-Carrier W-CDMA, 10 MHz Carrier Spacing,
3.84 MHz Channel Bandwidth, Peak/Avg. = 8.5 dB
@ 0.01% Probability (CCDF)
2200
2180
2160
2140
2120
2100
2080
6
14
13
12
11
10
9
8
7
-44
35
30
25
20
-28
-32
-36
-40
1000
11
15
1
IDQ = 1600 mA
1400 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Two–Tone Power Gain versus
Output Power
VDD = 28 Vdc
f1 = 2135 MHz, f2 = 2145 MHz
Two-Tone Measurement, 10 MHz Tone Spacing
800 mA
1200 mA
1000 mA
10
100
14.5
14
13.5
13
12.5
12
11.5
1000
-65
-25
1
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Third Order Intermodulation Distortion
versus Output Power
100
10
-30
-35
-40
-45
-50
-55
-60
1000 mA
800 mA
IDQ = 1600 mA
1200 mA
1400 mA
VDD = 28 Vdc
f1 = 2135 MHz,
f2 = 2145 MHz
Two-Tone Measurement,
10 MHz Tone Spacing
100
-60
-25
0.1
TWO-TONE SPACING (MHz)
Figure 6. Intermodulation Distortion Products
versus Tone Spacing
110
-30
-35
-40
-45
-50
-55
50
58
35
Ideal
P1dB = 52.5 dBm (178 W)
Actual
Pin, INPUT POWER (dBm)
Figure 7. Pulse CW Output Power versus
Input Power
VDD = 28 Vdc, IDQ = 1200 mA
Pulsed CW, 5 µsec(on), 1 msec(off)
Center Frequency = 2140 MHz
P3dB = 53.02 dBm (200.5 W)
57
56
55
54
53
52
51
37
39
41
43
45
VDD = 28 Vdc, Pout = 130 W (PEP), IDQ = 1200 mA
Two-Tone Measurements, Center Frequency = 2140 MHz
3rd Order
7th Order
5th Order


Similar Part No. - MRF5S21130SR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21130HR3 FREESCALE-MRF5S21130HR3 Datasheet
386Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21130HSR3 FREESCALE-MRF5S21130HSR3 Datasheet
386Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF5S21130SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
   The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
MRF18085A MOTOROLA-MRF18085A Datasheet
409Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
   The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
   THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
logo
Freescale Semiconductor...
MRF6522-70R3 FREESCALE-MRF6522-70R3 Datasheet
510Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF186 MOTOROLA-MRF186 Datasheet
446Kb / 8P
   The RF MOSFET Line RF POWER FIELD-EFFECT TRANSISTOR Channel Enhancement-Mode Lateral MOSFET
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com