Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1695IM Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1695IM
Description  Switched Royer CCFL Inverter Monitor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1695IM Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1695IM Datasheet HTML 1Page - Microsemi Corporation LX1695IM Datasheet HTML 2Page - Microsemi Corporation LX1695IM Datasheet HTML 3Page - Microsemi Corporation LX1695IM Datasheet HTML 4Page - Microsemi Corporation LX1695IM Datasheet HTML 5Page - Microsemi Corporation LX1695IM Datasheet HTML 6Page - Microsemi Corporation LX1695IM Datasheet HTML 7Page - Microsemi Corporation LX1695IM Datasheet HTML 8Page - Microsemi Corporation LX1695IM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LX1695
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Switched Royer CCFL Inverter Monitor IC
Copyright
© 2004
Rev. 1.0a, 2006-01-06
TM
®
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ........................................................................................6V
Inputs (BRITE_IN, OLSNS, FLT_DLY, ENABLE, DIM_FREQ)................. VDD
Output Current (ROYER) ...........................................................................150mA
RoHS / Pb-free Peak Package Solder Reflow Temperature
(40 seconds Maximum Exposure) .....................................................................................260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
M
Plastic 8-Pin DIP
THERMAL RESISTANCE
-JUNCTION AMBIENT,
θ
JA
85
°C/W
DM Plastic 8-Pin SOIC
THERMAL RESISTANCE
-JUNCTION AMBIENT,
θ
JA
163
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
1
2
3
4
5
6
7
8
DIM_FREQ
ENABLE
FLT_DLY
BRITE_IN
OLSNS
GND
ROYER
VDD
DM Package
(Top View)
1
2
3
45
6
7
8
DIM_FREQ
ENABLE
FLT_DLY
BRITE_IN
VDD
ROYER
GND
OLSNS
M Package
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
Name
Description
VDD
Input Voltage. The IC will be functional and in specifications when this pin is between 4.5 and 5.5VDC.
GND
Ground
BRITE_IN
Lamp Brightness Control. A DC input of 0 to 2V controls the duty cycle of the Royer output. Zero volts
corresponds to minimum duty cycle (3.125%), maximum input voltage must yield 100% duty cycle. BRITE_IN
has a high input impedance.
OL_SNS
Open Lamp Sense Input. This input receives rectified and filtered voltages from each Royer transformer
secondary winding that are proportional to lamp current amplitude. These signals are diode OR’ed and
compared to 3VDC at the OL_SNS input. If an under limit condition is detected, a fault is declared and the output
is turned off. This condition is latched and can only be cleared by cycling the main power input or the ENABLE
input signal off and on.
ROYER
Royer Bias Drive Output. This output signal drives external transistors that feed bias currents to one or more
oscillators to turn them on. Output drive is totem pole and must be capable of ±50mA at 0.4 and 4.0V output
when the supply voltage is 4.5 to 5.5 volts.
FLT_DLY
Fault Delay. An external resistor and capacitor at this pin program the time that open lamp fault detection is
disabled following power on or an ENABLE low to high transition. By choosing the appropriate resistor and
capacitor combination, delay time may be as high as 5 seconds
DIM_FREQ
A resistor to ground determines the frequency of the dual slope ramp generator for the digital dimming PWM.
This pin may be overdriven through a resistor with totem pole output logic gates to force an external clock to over
ride the internal clock, allowing the ROYER output to be synchronized to an external frequency without using
another package pin. Input voltage levels of the external pulse are as follows:
High state is; 2.9 to 5.5V minus 0.4 volts noise margin for minimum of 2.5 volts.
Low state is; 0 to 0.36V plus 0.44 volts for noise margin for total of 0.8 volts.
ENABLE
A positive logic level enables the ROYER output pin. A low level turns it off, resets the fault latch and discharges
the FLT_DLY capacitor. Logic threshold is about 1.6V. Upon ENABLE going high (True), the fault delay
capacitor is allowed to charge, initiating the delay.


Similar Part No. - LX1695IM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1691 MICROSEMI-LX1691 Datasheet
270Kb / 15P
   Enhanced Multi-Mode CCFL Controller
LX1691 MICROSEMI-LX1691 Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691A MICROSEMI-LX1691A Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691AIPW MICROSEMI-LX1691AIPW Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691B MICROSEMI-LX1691B Datasheet
101Kb / 2P
   Enhanced Multi-Mode CCFL Controller
More results

Similar Description - LX1695IM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SEM2006 SAMSUNG-SEM2006 Datasheet
767Kb / 6P
   CCFL Inverter Driver IC
logo
List of Unclassifed Man...
OZ9936 ETC1-OZ9936 Datasheet
181Kb / 11P
   OZ9936 / LCD Monitor CCFL Inverter Controller
logo
Sanken electric
SCF-0272 SANKEN-SCF-0272 Datasheet
61Kb / 2P
   CCFL-Inverter
logo
Applied Concepts Inc.
ACB-12-1334 ACIPOWER-ACB-12-1334 Datasheet
108Kb / 1P
   CCFL INVERTER
ACJ-V3-1520 ACIPOWER-ACJ-V3-1520 Datasheet
1Mb / 2P
   CCFL INVERTER
ACL-12-1225 ACIPOWER-ACL-12-1225 Datasheet
124Kb / 2P
   CCFL INVERTER
ACL-12-1258 ACIPOWER-ACL-12-1258 Datasheet
90Kb / 1P
   CCFL INVERTER
ACQ-R1-1465 ACIPOWER-ACQ-R1-1465 Datasheet
1Mb / 2P
   CCFL INVERTER
AC5-12-1357 ACIPOWER-AC5-12-1357 Datasheet
92Kb / 1P
   CCFL INVERTER
AC7-12-1392 ACIPOWER-AC7-12-1392 Datasheet
206Kb / 2P
   CCFL INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com