Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1695IM Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1695IM
Description  Switched Royer CCFL Inverter Monitor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1695IM Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1695IM Datasheet HTML 2Page - Microsemi Corporation LX1695IM Datasheet HTML 3Page - Microsemi Corporation LX1695IM Datasheet HTML 4Page - Microsemi Corporation LX1695IM Datasheet HTML 5Page - Microsemi Corporation LX1695IM Datasheet HTML 6Page - Microsemi Corporation LX1695IM Datasheet HTML 7Page - Microsemi Corporation LX1695IM Datasheet HTML 8Page - Microsemi Corporation LX1695IM Datasheet HTML 9Page - Microsemi Corporation LX1695IM Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LX1695
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Switched Royer CCFL Inverter Monitor IC
Copyright
© 2004
Rev. 1.0a, 2006-01-06
TM
®
TIMING DIAGRAM
5V (100% Duty)
0V
5V (75% Duty)
0V
5V (37.5% Duty)
0V
5V (3.125% Duty)
0V
2V
ROYER
V BRITE_IN = 2.0V
0V
RAMP
VBRITE_IN = 1.5V
V BRITE_IN = 0.75V
V BRITE_IN < 0V
Figure 3 –
Timing Diagram


Similar Part No. - LX1695IM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1691 MICROSEMI-LX1691 Datasheet
270Kb / 15P
   Enhanced Multi-Mode CCFL Controller
LX1691 MICROSEMI-LX1691 Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691A MICROSEMI-LX1691A Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691AIPW MICROSEMI-LX1691AIPW Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691B MICROSEMI-LX1691B Datasheet
101Kb / 2P
   Enhanced Multi-Mode CCFL Controller
More results

Similar Description - LX1695IM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SEM2006 SAMSUNG-SEM2006 Datasheet
767Kb / 6P
   CCFL Inverter Driver IC
logo
List of Unclassifed Man...
OZ9936 ETC1-OZ9936 Datasheet
181Kb / 11P
   OZ9936 / LCD Monitor CCFL Inverter Controller
logo
Sanken electric
SCF-0272 SANKEN-SCF-0272 Datasheet
61Kb / 2P
   CCFL-Inverter
logo
Applied Concepts Inc.
ACB-12-1334 ACIPOWER-ACB-12-1334 Datasheet
108Kb / 1P
   CCFL INVERTER
ACJ-V3-1520 ACIPOWER-ACJ-V3-1520 Datasheet
1Mb / 2P
   CCFL INVERTER
ACL-12-1225 ACIPOWER-ACL-12-1225 Datasheet
124Kb / 2P
   CCFL INVERTER
ACL-12-1258 ACIPOWER-ACL-12-1258 Datasheet
90Kb / 1P
   CCFL INVERTER
ACQ-R1-1465 ACIPOWER-ACQ-R1-1465 Datasheet
1Mb / 2P
   CCFL INVERTER
AC5-12-1357 ACIPOWER-AC5-12-1357 Datasheet
92Kb / 1P
   CCFL INVERTER
AC7-12-1392 ACIPOWER-AC7-12-1392 Datasheet
206Kb / 2P
   CCFL INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com