Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V561620CTP-6 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY57V561620CTP-6
Description  4 Banks x 4M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620CTP-6 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY57V561620CTP-6 Datasheet HTML 4Page - Hynix Semiconductor HY57V561620CTP-6 Datasheet HTML 5Page - Hynix Semiconductor HY57V561620CTP-6 Datasheet HTML 6Page - Hynix Semiconductor HY57V561620CTP-6 Datasheet HTML 7Page - Hynix Semiconductor HY57V561620CTP-6 Datasheet HTML 8Page - Hynix Semiconductor HY57V561620CTP-6 Datasheet HTML 9Page - Hynix Semiconductor HY57V561620CTP-6 Datasheet HTML 10Page - Hynix Semiconductor HY57V561620CTP-6 Datasheet HTML 11Page - Hynix Semiconductor HY57V561620CTP-6 Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HY57V561620C(L)T(P)
Rev. 0.5 / June 2004
8
AC CHARACTERISTICS II
Note :
1. A new command can be given tRRC after self refresh exit
Parameter
Symbol
-6
-7
-K
-H
-8
-P
-S
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
RAS Cycle Time
Operation
tRC
60
-
60
-
60
-
65
-
68
-
70
-
70
-
ns
Auto Refresh
tRRC
60
-
60
-
60
-
65
-
68
-
70
-
70
-
ns
RAS to CAS Delay
tRCD
18
-
18
-
15
-
20
-
20
-
20
-
20
-
ns
RAS Active Time
tRAS
42
100K
42
100K
45
100K
45
100K
48
100K
50
100K
50
100K
ns
RAS Precharge Time
tRP
18
-
18
-
15
-
20
-
20
-
20
-
20
-
ns
RAS to RAS Bank Active Delay
tRRD
12
-
14
-
15
-
15
-
16
-
20
-
20
-
ns
CAS to CAS Delay
tCCD
1-
1-1
-
1
-
1-
1-
1-
CLK
Write Command to Data-In Delay
tWTL
0
-
0
-
0
-
0
-
0
-
0
-
0
-
CLK
Write Recovery Time
tWR
2
-
2
-2
-2
-2-
2
-
2
-
CLK
Data-In to Active Command
tDAL
5-
5-5
-
5
-
5-
5-
5-
CLK
DQM to Data-Out Hi-Z
tDQZ
2
-
2
-
2
-
2
-
2
-
2
-
2
-
CLK
DQM to Data-In Mask
tDQM
0-
0-0
-
0
-
0-
0-
0-
CLK
MRS to New Command
tMRD
2-
2-2
-
2
-
2-
2-
2-
CLK
Precharge to Data
Output Hi-Z
CAS Latency = 3
tPROZ3
3
-
3
-
3
-
3
-
3
-
3
-
3
-
CLK
CAS Latency = 2
tPROZ2
2
-
2
-
2
-
2
-
2
-
2
-
2
-
CLK
Power Down Exit Time
tPDE
1-
1-1
-
1
-
1-
1-
1-
CLK
Self Refresh Exit Time
tSRE
1-
1-1
-
1
-
1-
1-
1-
CLK
1
Refresh Time
tREF
-
64
-
64
-
64
-
64
-
64
-
64
-
64
ms


Similar Part No. - HY57V561620CTP-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-6I HYNIX-HY57V561620BLT-6I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-8I HYNIX-HY57V561620BLT-8I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-HI HYNIX-HY57V561620BLT-HI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620CTP-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D SAMSUNG-K4S561632D Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com