Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3385-8000 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3385-8000
Description  3M Pak 100 Wiremount Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3385-8000 Datasheet(HTML) 2 Page - 3M Electronics

  3385-8000 Datasheet HTML 1Page - 3M Electronics 3385-8000 Datasheet HTML 2Page - 3M Electronics 3385-8000 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3448-X0XX
3MPak 100 Wiremount Socket
.100
″ × .100″ for .050″ Pitch Cable (Optional Plastic or Metal Strain Relief) 3000 Series
Contact
Quantity
Dimensions
Socket Series
A
B
10
3473
0.68 [ 17.3 ]
0.54 [ 13.7 ]
14
3385
0.88 [ 22.4 ]
0.74 [ 18.8 ]
16
3452
0.98 [ 24.9 ]
0.84 [ 21.3 ]
20
3421
1.18 [ 30.0 ]
1.04 [ 26.4 ]
24
3626
1.38 [ 35.1 ]
1.24 [ 31.5 ]
26
3399
1.48 [ 37.6 ]
1.34 [ 34.0 ]
30
3419
1.68 [ 42.7 ]
1.54 [ 39.1 ]
34
3414
1.88 [ 47.7 ]
1.74 [ 44.2 ]
36
9436
1.98 [ 50.3 ]
1.84 [ 46.7 ]
40
3417
2.18 [ 55.4 ]
2.04 [ 51.8 ]
44
9444
2.38 [ 60.5 ]
2.24 [ 56.9 ]
50
3425
2.68 [ 68.1 ]
2.54 [ 64.5 ]
60
3334
3.18 [ 80.8 ]
3.04 [ 77.2 ]
TS-0718-08
Sheet 2 of 2
Notes:
1. This polarizing groove is non-existent on 3385 and 3473 Series.
2. The optional high cable-profile cover for cable thicker than .040 [ 1.02 ] (does not have
cable exit recess).
3. The low profile strain relief can be used with the 4600 Series Plug and .1 x .1 Headers
with ejector latches. The latches will only function as an ejector.
4. See TS-0721 for mating post pattern.
Ordering Information
.0
.00
.000
inch
± .1
±.01 ± .005
[ ] D im en sion s for R e fe re nce
On ly
T oleranc e U nless N oted
[mm]
In ch
XX = ‘‘Contact Quantity''
See Table
(i.e. 50 for
a 50 Position
Strain Relief)
Type:
2 = Low Profile (Metal)
3 = Plastic
Sockets
XXXX-XXXX
Socket Series:
See Table for
3M Part Number
Cover:
6 = Open End
(For Daisy Chaining or Bussing)
7 = Closed End (For End Cable Termination)
8 = Open End for Higher Profile Cables (60 Pos Only)
9 = Closed End for Higher Profile Cables (60 Pos Only)
Strain Relief:
00 = No Strain Relief
XX = “Contact Quantity”
for Plastic
Strain Relief
(i.e. 50 for a 50
Position Strain
Relief)
Polarization:
0 = Military (Dual Slot)
6 = Centerbump and Military
Strain Relief
(Order Separately)
Keying Plug
(Order Separately)
3435-0
Pull Tabs
See TS-0720
(Order Separately)
3490-X
Assembly tools: 3640 press (or equivalent), 3443-94 locator plate, 3442-9 platen.
.41 Ref
[ 10.4 ]
Assembled Height
without Strain Relief
Assembled Height with Metal
Profile Strain Relief
.54 Ref
[ 13.7 ]
.64 Ref
[ 16.3 ]
Assembled Height with Plastic
Strain Relief
.565 Ref
[ 14.35 ]
.24
[ 6.1 ]
A
NO.3XXX
Recessed for Cable
Exit
See Note 2
B
.050 Typ*
[ 1.27 ]
Optional
Closed End
Cover
Nonconductive
Transfer Adhesive
with Liner
.15
[ 3.8 ]
.14
[ 3.6 ]
.050 Ref
[ 1.27 ]
See Note 1
.26
[ 6.6 ]
Triangle Indicates
Position 1
Military:
Dual Polarization
Slots
.06 [ 1.5 ] Centerbump (Optional)
Position 1
.100 Typ
[ 2.54 ]
Position 2
.100
[ 2.54 ]
A
.24
[ 6.1 ]
.14
[ 3.6 ]
.035
[ 0.89 ]


Similar Part No. - 3385-8000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3385-8050 3M-3385-8050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3385-80E 3M-3385-80E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3385-80I 3M-3385-80I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 3385-8000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
   3M Pak 50 Low Profile Wiremount Socket
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
38104-0018-000FL 3M-38104-0018-000FL Datasheet
639Kb / 2P
   3M?줝INK CONNECTOR, 2.54MM[.100"], WIREMOUNT, HERMAPHRODITIC
3358-0001 3M-3358-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com