Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT623PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT623PW
Description  Octal transceiver with dual enable, non-inverting; 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT623PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT623PW Datasheet HTML 1Page - NXP Semiconductors 74ABT623PW Datasheet HTML 2Page - NXP Semiconductors 74ABT623PW Datasheet HTML 3Page - NXP Semiconductors 74ABT623PW Datasheet HTML 4Page - NXP Semiconductors 74ABT623PW Datasheet HTML 5Page - NXP Semiconductors 74ABT623PW Datasheet HTML 6Page - NXP Semiconductors 74ABT623PW Datasheet HTML 7Page - NXP Semiconductors 74ABT623PW Datasheet HTML 8Page - NXP Semiconductors 74ABT623PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ABT623
Octal transceiver with dual enable, non-inverting
(3-State)
1998 Jan 16
3
LOGIC SYMBOL
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
B5
B6
B7
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
OEBA
19
SA00195
LOGIC SYMBOL (IEEE/IEC)
1
19
2
3
4
5
6
7
8
9
EN1
EN1
18
17
16
15
14
13
12
11
1
2
SA00196
FUNCTION TABLE
INPUTS
INPUTS/OUTPUTS
OEBA
OEAB
An
Bn
L
L
An = Bn
Inputs
H
H
Inputs
Bn = An
H
L
Z
Z
L
H
An = Bn
Bn = An
H = High voltage level
L
= Low voltage level
Z = High impedance “off” state
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ABT623PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT623PW NXP-74ABT623PW Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
More results

Similar Description - 74ABT623PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
   Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com