Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT623PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT623PW
Description  Octal transceiver with dual enable, non-inverting; 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT623PW Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT623PW Datasheet HTML 1Page - NXP Semiconductors 74ABT623PW Datasheet HTML 2Page - NXP Semiconductors 74ABT623PW Datasheet HTML 3Page - NXP Semiconductors 74ABT623PW Datasheet HTML 4Page - NXP Semiconductors 74ABT623PW Datasheet HTML 5Page - NXP Semiconductors 74ABT623PW Datasheet HTML 6Page - NXP Semiconductors 74ABT623PW Datasheet HTML 7Page - NXP Semiconductors 74ABT623PW Datasheet HTML 8Page - NXP Semiconductors 74ABT623PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74ABT623
Octal transceiver with dual enable, non-inverting
(3-State)
1998 Jan 16
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
Min
Max
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
II
Input leakage
Control pins
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
current
Data pins
VCC = 5.5V; VI = GND or 5.5V
±5.0
±100
±100
µA
IOFF
Power-off leakage current
VCC = 0.0V; VI or VO ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current3
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
VOE = VCC; VOE = GND
±5.0
±50
±50
µA
IIH + IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IIL + IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
50
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
24
30
30
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
50
250
50
µA
Outputs enabled, one data input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
∆ICC
Additional supply current per
input pin2
Outputs 3-State, one data input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
50
250
250
µA
Outputs 3-State, one enable input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. For VCC = 2.1V to VCC = 5V " 10%, a
transition time of up to 100
µsec is permitted.


Similar Part No. - 74ABT623PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT623PW NXP-74ABT623PW Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
More results

Similar Description - 74ABT623PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
   Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com