Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520PR2C Datasheet(PDF) 6 Page - HB Electronic Components

Part # 520PR2C
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

520PR2C Datasheet(HTML) 6 Page - HB Electronic Components

  520PR2C Datasheet HTML 1Page - HB Electronic Components 520PR2C Datasheet HTML 2Page - HB Electronic Components 520PR2C Datasheet HTML 3Page - HB Electronic Components 520PR2C Datasheet HTML 4Page - HB Electronic Components 520PR2C Datasheet HTML 5Page - HB Electronic Components 520PR2C Datasheet HTML 6Page - HB Electronic Components 520PR2C Datasheet HTML 7Page - HB Electronic Components 520PR2C Datasheet HTML 8Page - HB Electronic Components 520PR2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3) Similarly, when a jig is used to solder the LED to PC board, take care as much as possible to
avoid steering the leads (See Fig.3).

4) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the LED.
5) Lead cutting after soldering should be performed only after the LED temperature has returned to
normal temperature.
LED MOUNTING METHOD
1) When mounting the LED by using a case, as shown Fig.4, ensure that the mounting holds on
the PC board match the pitch of the leads correctly-tolerance of dimensions of the respective
components including the LED should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the leads and board holes, the
diameter of the board holes should be slightly larger than the size of the lead. Alternatively, the
shape of the holes should be made oval. (See Fig.4)
Page :
6
P C b o a r d
ig.3
(F
jig
Fig.4
case
pc board
LED LAMP
APPLICATION


Similar Part No. - 520PR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
520PG0C HB-520PG0C Datasheet
223Kb / 3P
   5.0 mm DIA LED LAMP
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
520PG2C-F2 HB-520PG2C-F2 Datasheet
327Kb / 11P
   5.0 mm DIA LED LAMP
520PWC HB-520PWC Datasheet
116Kb / 5P
   5MM LED
520PY9C HB-520PY9C Datasheet
752Kb / 9P
   LED
More results

Similar Description - 520PR2C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com