Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2409-6212TB Datasheet(PDF) 1 Page - 3M Electronics

Part # 2409-6212TB
Description  100 and 100 X 100 Pin Strip Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2409-6212TB Datasheet(HTML) 1 Page - 3M Electronics

  2409-6212TB Datasheet HTML 1Page - 3M Electronics 2409-6212TB Datasheet HTML 2Page - 3M Electronics 2409-6212TB Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″ and .100″  .100″ Pin Strip Header
Straight & Right Angle, Solder Tail
2400 Series
14
TS-0767-03
Sheet 1 of 3
S One and two row versions
S Straight and right angle versions
S Break to length for faster delivery, lower
inventory costs, and faster prototyping
S Tapered tip does not cut the socket
wipe during insertion, reducing operational
failures and repairs
S Solder standoffs facilitate wash of flux residue,
reducing costly rework
S Board pin retention feature available
Date Modified: December 28, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating
Underplate: 100
µ″ [ 2.54 µm ] Nickel — QQ-N-290, Class 2
Wiping Area: 30
µ″ [ 0.76 µm ] Gold — MIL-G-45204, Type II, Grade C
Solder Tails: 200
µ″ [ 5.08 µm ] 90/10 Tin Lead — MIL-P-81728
Electrical
Current Rating: 3 A
Insulation Resistance: > 1
× 109 Ω at 500 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: –55
°C to +105°C
UL File No.: E68080


Similar Part No. - 2409-6212TB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2409-000124 SAMSUNG-2409-000124 Datasheet
1Mb / 43P
   Color Monitor
September 1999
More results

Similar Description - 2409-6212TB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
   .100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
   .100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
M2MXT-2036R 3M-M2MXT-2036R Datasheet
121Kb / 4P
   Fits standard .100 x 100 header layout
logo
Adam Technologies, Inc.
BHR-34-VUA-LL ADAM-TECH-BHR-34-VUA-LL Datasheet
116Kb / 1P
   .100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
4600 3M-4600 Datasheet
45Kb / 4P
   100 X 100, Plug
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com