Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC453AJE Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC453AJE
Description  Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC453AJE Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC453AJE Datasheet HTML 1Page - National Semiconductor (TI) CLC453AJE Datasheet HTML 2Page - National Semiconductor (TI) CLC453AJE Datasheet HTML 3Page - National Semiconductor (TI) CLC453AJE Datasheet HTML 4Page - National Semiconductor (TI) CLC453AJE Datasheet HTML 5Page - National Semiconductor (TI) CLC453AJE Datasheet HTML 6Page - National Semiconductor (TI) CLC453AJE Datasheet HTML 7Page - National Semiconductor (TI) CLC453AJE Datasheet HTML 8Page - National Semiconductor (TI) CLC453AJE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
+5V Typical Performance (A
v = +2, RL = 100Ω, Vs = +5V
1, Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Frequency Response
Frequency (Hz)
453 Plot1
10M
Vo = 0.5Vpp
-450
-360
-270
-180
-90
0
100M
1M
Av = 1
Av = -1
Av = 2
Av = 1
Av = 2
Av = -1
Gain
Phase
Frequency Response vs. RL
Frequency (Hz)
453 Plot2
10M
Vo = 0.5Vpp
-450
-360
-270
-180
-90
0
100M
1M
RL = 1kΩ
RL = 100Ω
RL = 25Ω
RL = 1kΩ
RL = 100Ω
RL = 25Ω
Gain
Phase
Frequency Response vs. Vo (Av = 2)
Frequency (Hz)
453 Plot3
10M
100M
1M
Vo = 1Vpp
Vo = 0.1Vpp
Vo = 2Vpp
Vo = 2.5Vpp
Frequency Response vs. Vo (Av = +1)
Frequency (Hz)
453 Plot4
10M
100M
1M
Vo = 1Vpp
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 2.5Vpp
Frequency Response vs. Vo (Av = -1)
Frequency (Hz)
453 Plot5
10M
100M
1M
Vo = 1Vpp
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 2.5Vpp
Frequency Response vs. CL
Frequency (Hz)
453 Plot6
1M
10M
100M
Vo = 0.5Vpp
CL = 10pF
Rs = 49.9Ω
CL = 100pF
Rs = 21Ω
CL = 1000pF
Rs = 7.0Ω
CL
1k
Rs
+
-
1k
1k
Gain Flatness
Frequency (MHz)
453 Plot7
10
20
30
0
Vo = 0.5Vpp
Equivalent Input Noise
Frequency (Hz)
453 Plot8
3.2
3.1
1k
100k
1M
10M
3
2.8
2.9
Non-Inverting Current 7.5pA/
√Hz
Inverting Current 10.5pA/
√Hz
Voltage 2.85nV/
√Hz
10
12.5
7.5
2.5
5
2nd & 3rd Harmonic Distortion
Frequency (Hz)
453 Plot9
1M
10M
Vo = 2Vpp
-90
-80
-70
-60
-50
-40
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 1kΩ
3rd
RL = 100Ω
2nd Harmonic Distortion, RL = 25
Output Amplitude (Vpp)
453 Plot10
0
0.5
1
1.5
2
2.5
-44
-46
-48
-50
-52
-54
-56
-58
-60
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 25
Output Amplitude (Vpp)
453 Plot11
0
0.5
1
1.5
2
2.5
-35
-40
-45
-50
-55
-60
-65
-70
-75
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 100
Output Amplitude (Vpp)
453 Plot12
0
0.5
1
1.5
2
2.5
-60
-65
-70
-75
-80
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 100
Output Amplitude (Vpp)
453 Plot13
0
0.5
1
1.5
2
2.5
-45
-50
-55
-60
-65
-70
-75
-80
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 1k
Output Amplitude (Vpp)
453 Plot14
0
0.5
1
1.5
2
2.5
-60
-65
-70
-75
-80
-85
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 1k
Output Amplitude (Vpp)
453 Plot15
0
0.5
1
1.5
2
2.5
-60
-65
-70
-75
-80
-85
-90
-95
2MHz
5MHz
10MHz
1MHz


Similar Part No. - CLC453AJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC450 NSC-CLC450 Datasheet
203Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC450AJ NSC-CLC450AJ Datasheet
203Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC451 NSC-CLC451 Datasheet
252Kb / 12P
   Single Supply, Low-Power, High Output, Programmable Buffer
CLC451AJ NSC-CLC451AJ Datasheet
252Kb / 12P
   Single Supply, Low-Power, High Output, Programmable Buffer
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
More results

Similar Description - CLC453AJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC451 NSC-CLC451 Datasheet
252Kb / 12P
   Single Supply, Low-Power, High Output, Programmable Buffer
logo
Cypress Semiconductor
CY22U1 CYPRESS-CY22U1 Datasheet
483Kb / 15P
   Single Output, Low Power Programmable
logo
Good Will Instrument Co...
PPS-3635 GWINSTEK-PPS-3635 Datasheet
107Kb / 1P
   SINGLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
   Programmable Dual Output Power Supply
January 2018 - Revision 04b
logo
National Semiconductor ...
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
   Dual, High Output, Programmable Gain Buffer
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
   Triple, High Output, Programmable Gain Buffer
CLC450 NSC-CLC450 Datasheet
203Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com