Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS88236AD-200 Datasheet(PDF) 11 Page - GSI Technology

Part # GS88236AD-200
Description  512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS88236AD-200 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS88236AD-200 Datasheet HTML 7Page - GSI Technology GS88236AD-200 Datasheet HTML 8Page - GSI Technology GS88236AD-200 Datasheet HTML 9Page - GSI Technology GS88236AD-200 Datasheet HTML 10Page - GSI Technology GS88236AD-200 Datasheet HTML 11Page - GSI Technology GS88236AD-200 Datasheet HTML 12Page - GSI Technology GS88236AD-200 Datasheet HTML 13Page - GSI Technology GS88236AD-200 Datasheet HTML 14Page - GSI Technology GS88236AD-200 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
GS88218/36AB/D-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 11/2004
11/38
© 2001, GSI Technology
Synchronous Truth Table
Operation
Address Used
State
Diagram
Key5
E1
ADSP
ADSC
ADV
W3
DQ4
Deselect Cycle, Power Down
None
X
H
X
L
X
X
High-Z
Read Cycle, Begin Burst
External
R
L
L
X
X
X
Q
Read Cycle, Begin Burst
External
R
L
H
L
X
F
Q
Write Cycle, Begin Burst
External
W
L
H
L
X
T
D
Read Cycle, Continue Burst
Next
CR
X
H
H
L
F
Q
Read Cycle, Continue Burst
Next
CR
H
X
H
L
F
Q
Write Cycle, Continue Burst
Next
CW
X
H
H
L
T
D
Write Cycle, Continue Burst
Next
CW
H
X
H
L
T
D
Read Cycle, Suspend Burst
Current
X
H
H
H
F
Q
Read Cycle, Suspend Burst
Current
H
X
H
H
F
Q
Write Cycle, Suspend Burst
Current
X
H
H
H
T
D
Write Cycle, Suspend Burst
Current
H
X
H
H
T
D
Notes:
1. X = Don’t Care, H = High, L = Low
2. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding
3. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active drivers (shown
as “Q” in the Truth Table above).
4. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to accomplish
basic synchronous or synchronous burst operations and may be avoided for simplicity.
5. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above.
6. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items above.


Similar Part No. - GS88236AD-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88236BB-150 GSI-GS88236BB-150 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88236BB-150I GSI-GS88236BB-150I Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88236BB-150IV GSI-GS88236BB-150IV Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88236BB-150V GSI-GS88236BB-150V Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88236BB-200 GSI-GS88236BB-200 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
More results

Similar Description - GS88236AD-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88218BB-V GSI-GS88218BB-V Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218 GSI-GS88218 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V18BB GSI-GS882V18BB Datasheet
986Kb / 36P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88237BB-V GSI-GS88237BB-V Datasheet
1Mb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS882V37BB GSI-GS882V37BB Datasheet
1Mb / 27P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS88237BB GSI-GS88237BB Datasheet
760Kb / 29P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com