Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS864218B-200V Datasheet(PDF) 10 Page - GSI Technology

Part # GS864218B-200V
Description  4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS864218B-200V Datasheet(HTML) 10 Page - GSI Technology

Back Button GS864218B-200V Datasheet HTML 6Page - GSI Technology GS864218B-200V Datasheet HTML 7Page - GSI Technology GS864218B-200V Datasheet HTML 8Page - GSI Technology GS864218B-200V Datasheet HTML 9Page - GSI Technology GS864218B-200V Datasheet HTML 10Page - GSI Technology GS864218B-200V Datasheet HTML 11Page - GSI Technology GS864218B-200V Datasheet HTML 12Page - GSI Technology GS864218B-200V Datasheet HTML 13Page - GSI Technology GS864218B-200V Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Preliminary
GS864218/36/72(B/C)-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 6/2006
10/35
© 2004, GSI Technology
Byte Write Truth Table
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
H
H
H
H
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
L
L
L
L
L
2, 3, 4
Write all bytes
L
X
X
X
X
X
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x36 version.


Similar Part No. - GS864218B-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS864218B-200 GSI-GS864218B-200 Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-200I GSI-GS864218B-200I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS864218B-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS864418 GSI-GS864418 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-V GSI-GS864418E-V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T GSI-GS864018T Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T-V GSI-GS864018T-V Datasheet
927Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com