Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT543ADB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT543ADB
Description  Octal latched transceiver with dual enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT543ADB Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT543ADB Datasheet HTML 1Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 2Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 3Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 4Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 5Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 6Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 7Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 8Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ABT543A
Octal latched transceiver with dual enable
(3-State)
1998 Sep 24
4
FUNCTION TABLE
INPUTS
OUTPUTS
STATUS
OEXX
EXX
LEXX
An or Bn
Bn or An
H
X
X
X
Z
Disabled
X
H
X
X
Z
Disabled
L
L
L
L
h
l
Z
Z
Disabled + Latch
L
L
L
L
h
l
H
L
Latch + Display
L
L
L
L
L
L
H
L
H
L
Transparent
L
L
H
X
NC
Hold
H = High voltage level
h
= High voltage level one set-up time prior to the Low-to-High transition of LEXX or EXX (XX = AB or BA)
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High transition of LEXX or EXX (XX = AB or BA)
X = Don’t care
↑ = Low-to-High transition of LEXX or EXX (XX = AB or BA)
NC= No change
Z = High impedance or “off” state
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
Min
Max
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Similar Part No. - 74ABT543ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543ADB PHILIPS-74ABT543ADB Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543ADB NXP-74ABT543ADB Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
logo
Nexperia B.V. All right...
74ABT543ADB NEXPERIA-74ABT543ADB Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
More results

Similar Description - 74ABT543ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
   Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com