Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8662R18GE-250I Datasheet(PDF) 8 Page - GSI Technology

Part # GS8662R18GE-250I
Description  72Mb SigmaCIO DDR-II Burst of 4 SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662R18GE-250I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS8662R18GE-250I Datasheet HTML 4Page - GSI Technology GS8662R18GE-250I Datasheet HTML 5Page - GSI Technology GS8662R18GE-250I Datasheet HTML 6Page - GSI Technology GS8662R18GE-250I Datasheet HTML 7Page - GSI Technology GS8662R18GE-250I Datasheet HTML 8Page - GSI Technology GS8662R18GE-250I Datasheet HTML 9Page - GSI Technology GS8662R18GE-250I Datasheet HTML 10Page - GSI Technology GS8662R18GE-250I Datasheet HTML 11Page - GSI Technology GS8662R18GE-250I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Preliminary
GS8662R08/09/18/36E-333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 9/2005
8/37
© 2005, GSI Technology
Power-Up Sequence for SigmaQuad-II SRAMs
SigmaQuad-II SRAMs must be powered-up in a specific sequence in order to avoid undefined operations.
Power-Up Sequence
1. Power-up and maintain Doff at low state.
1a. Apply VDD.
1b. Apply VDDQ.
1c. Apply VREF (may also be applied at the same time as VDDQ).
2. After power is achieved and clocks (K, K, C, C) are stablized, change Doff to high.
3. An additional 1024 clock cycles are required to lock the DLL after it has been enabled.
Note:
If you want to tie Doff high with an unstable clock, you must stop the clock for a minimum of 30 seconds to reset the DLL after the clocks become
stablized.
DLL Constraints
• The DLL synchronizes to either K or C clock. These clocks should have low phase jitter (tKCVar on page 20).
• The DLL cannot operate at a frequency lower than 119 MHz.
• If the incoming clock is not stablized when DLL is enabled, the DLL may lock on the wrong frequency and cause undefined errors or failures during
the initial stage.
Power-Up Sequence (Doff controlled)
Power UP Interval
Unstable Clocking Interval
DLL Locking Interval (1024 Cycles)
Normal Operation
K
K
VDD
VDDQ
VREF
Doff
Power-Up Sequence (Doff tied High)
Power UP Interval
Unstable Clocking Interval
Stop Clock Interval
DLL Locking Interval (1024 Cycles)
Normal Operation
K
K
VDD
VDDQ
VREF
Doff
30ns Min
Note:
If the frequency is changed, DLL reset is required. After reset, a minimum of 1024 cycles is required for DLL lock.


Similar Part No. - GS8662R18GE-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662D06BD-350 GSI-GS8662D06BD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D06BD-400 GSI-GS8662D06BD-400 Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D06BD-400I GSI-GS8662D06BD-400I Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D06BD-450 GSI-GS8662D06BD-450 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D06BGD-350I GSI-GS8662D06BGD-350I Datasheet
556Kb / 33P
   Dual Double Data Rate interface
More results

Similar Description - GS8662R18GE-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662T08E GSI-GS8662T08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8342R08E GSI-GS8342R08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8342T08E GSI-GS8342T08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8662S08 GSI-GS8662S08 Datasheet
1Mb / 35P
   72Mb SigmaSIOTM DDR -II Burst of 2 SRAM
GS8662S08E GSI-GS8662S08E Datasheet
1Mb / 37P
   72Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8662D20BD-500 GSI-GS8662D20BD-500 Datasheet
556Kb / 33P
   72Mb SigmaQuad-II Burst of 4 SRAM
GS8662D08E GSI-GS8662D08E Datasheet
1Mb / 29P
   72Mb SigmaQuad-II Burst of 4 SRAM
GS8662D19BD-300I GSI-GS8662D19BD-300I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D07BD-350 GSI-GS8662D07BD-350 Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT07BGD-400I GSI-GS8662DT07BGD-400I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com