Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C4M4F1-60TC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F1-60TC
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F1-60TC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4C4M4F1-60TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C4M4F1-60TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M4F1-60TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F1-60TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F1-60TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F1-60TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F1-60TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F1-60TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F1-60TC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AS4C4M4F0
AS4C4M4F1
4/11/01; v.0.9
Alliance Semiconductor
P. 3 of 18
®
Logic block diagram for 2K refresh
Recommended operating conditions
V
IL min -3.0V for pulse widths less than 5 ns. Recommended operating conditions apply throughout this document unlesss otherwise specified.
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
GND
0.0
0.0
0.0
V
Input voltage
VIH
2.4
VCC
V
VIL
–0.5
–0.8
V
Ambient operating temperature
Commercial
TA
0–
70
°C
Industrial
-40
85
RAS clock
generator
2048 × 2048 × 4
Array
(16,777,216)
Sense amp
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
Substrate bias
generator
Data
I/O
buffers
OE
RAS
CAS
WE clock
generator
WE
I/O0 to I/O3
CAS clock
generator
A9
A10


Similar Part No. - AS4C4M4F1-60TC

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/IT AUSTIN-AS4C4M4DG-6/IT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/XT AUSTIN-AS4C4M4DG-6/XT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/IT AUSTIN-AS4C4M4DG-7/IT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/XT AUSTIN-AS4C4M4DG-7/XT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
More results

Similar Description - AS4C4M4F1-60TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC4M4F1 ALSC-AS4LC4M4F1 Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
   4Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
logo
Austin Semiconductor
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT4C4004J MICRON-MT4C4004J Datasheet
887Kb / 12P
   1 MEG x 4 DRAM 5V, QUAD CAS PARITY, FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com