Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C4M4F0-50JI Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F0-50JI
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F0-50JI Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C4M4F0-50JI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F0-50JI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F0-50JI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F0-50JI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F0-50JI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F0-50JI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F0-50JI Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M4F0-50JI Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M4F0-50JI Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AS4C4M4F0
AS4C4M4F1
4/11/01; v.0.9
Alliance Semiconductor
P. 7 of 18
®
Fast page mode cycle
Output enable
Self refresh cycle
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tCPA
Access time from CAS precharge
28
35
13
tRASP
RAS
pulse width
50
100K
60
100K
tPC
Read-write cycle time
30
35
tCP
CAS
precharge time (fast page)
10
10
tPCM
Fast page mode RMW cycle
80
85
tCRW
Page mode CAS pulse width (RMW)
12
15
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tCLZ
CAS to output in Low Z
0
0
ns
8
tROH
RAS hold time referenced to OE
8–
10
ns
tOEA
OE access time
13
15
ns
tOED
OE to data delay
13
15
ns
tOEZ
Output buffer turnoff delay from OE
0130
15
ns
8
tOEH
OE command hold time
10
10
ns
tOLZ
OE to output in Low Z
0
0
ns
tOFF
Output buffer turn-off time
0
13
0
15
ns
8,10
Std
Symbol
Parameter
-50
-60
Unit
Notes
MinMax
MinMax
tRASS
RAS pulse width
(CBR self refresh)
100–100–
µs
tRPS
RAS precharge time
(CBR self refresh)
90
105
ns
tCHS
CAS
hold time
(CBR self refresh)
8–
10
ns


Similar Part No. - AS4C4M4F0-50JI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/IT AUSTIN-AS4C4M4DG-6/IT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/XT AUSTIN-AS4C4M4DG-6/XT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/IT AUSTIN-AS4C4M4DG-7/IT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/XT AUSTIN-AS4C4M4DG-7/XT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
More results

Similar Description - AS4C4M4F0-50JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC4M4F1 ALSC-AS4LC4M4F1 Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
   4Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
logo
Austin Semiconductor
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT4C4004J MICRON-MT4C4004J Datasheet
887Kb / 12P
   1 MEG x 4 DRAM 5V, QUAD CAS PARITY, FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com