Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS78132AGB-8 Datasheet(PDF) 9 Page - GSI Technology

Part # GS78132AGB-8
Description  256K x 32 8Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78132AGB-8 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS78132AGB-8 Datasheet HTML 4Page - GSI Technology GS78132AGB-8 Datasheet HTML 5Page - GSI Technology GS78132AGB-8 Datasheet HTML 6Page - GSI Technology GS78132AGB-8 Datasheet HTML 7Page - GSI Technology GS78132AGB-8 Datasheet HTML 8Page - GSI Technology GS78132AGB-8 Datasheet HTML 9Page - GSI Technology GS78132AGB-8 Datasheet HTML 10Page - GSI Technology GS78132AGB-8 Datasheet HTML 11Page - GSI Technology GS78132AGB-8 Datasheet HTML 12Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
GS78132AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
9/12
© 2003, GSI Technology
Package Dimensions—119-Bump FPBGA (Package B, Variation 1
)
(Date Code: yyww.31)
7 6 5 4 3 2 1
A1
BOTTOM VIEW
1.27
7.62
14±0.20
B
A
0.20(4x)
Ø0.10
Ø0.30
C
C A B
S
S
Ø0.60~0.90 (119x)
C
SEATING PLANE
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
S
S
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
0.70 REF
12.00
1 2 3 4 5 6 7
Pin #1 Corner
Ø1.00(3x) REF
30 TYP.


Similar Part No. - GS78132AGB-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-10 GSI-GS78132B-10 Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-10I GSI-GS78132B-10I Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-12 GSI-GS78132B-12 Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-12I GSI-GS78132B-12I Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
More results

Similar Description - GS78132AGB-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com