Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8321Z32GE-250 Datasheet(PDF) 3 Page - GSI Technology

Part # GS8321Z32GE-250
Description  36Mb Pipelined and Flow Through Synchronous NBT SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8321Z32GE-250 Datasheet(HTML) 3 Page - GSI Technology

  GS8321Z32GE-250 Datasheet HTML 1Page - GSI Technology GS8321Z32GE-250 Datasheet HTML 2Page - GSI Technology GS8321Z32GE-250 Datasheet HTML 3Page - GSI Technology GS8321Z32GE-250 Datasheet HTML 4Page - GSI Technology GS8321Z32GE-250 Datasheet HTML 5Page - GSI Technology GS8321Z32GE-250 Datasheet HTML 6Page - GSI Technology GS8321Z32GE-250 Datasheet HTML 7Page - GSI Technology GS8321Z32GE-250 Datasheet HTML 8Page - GSI Technology GS8321Z32GE-250 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
GS8321Z18/32/36E-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06b 2/2006
3/34
© 2003, GSI Technology
165 Bump BGA—x32 Common I/O—Top View (Package E)
1
2
3
4
5
6
7
8
9
10
11
A
NC
A
E1
BC
BB
E3
CKE
ADV
A
A
NC
A
B
NC
A
E2
BD
BA
CK
W
G
A
A
NC
B
C
NC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
NC
C
D
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
D
E
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
E
F
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
F
G
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
G
H
FT
MCH
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
H
J
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
J
K
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
K
L
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
L
M
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
M
N
NC
NC
VDDQ
VSS
NC
NC
NC
VSS
VDDQ
NC
NC
N
P
NC
NC
A
A
TDI
A1
TDO
A
A
A
NC
P
R
LBO
A
A
A
TMS
A0
TCK
A
A
A
A
R
11 x 15 Bump BGA—15 mm x 17 mm Body—1.0 mm Bump Pitch


Similar Part No. - GS8321Z32GE-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8321Z32GE-250IV GSI-GS8321Z32GE-250IV Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z32GE-250V GSI-GS8321Z32GE-250V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results

Similar Description - GS8321Z32GE-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z36AGT-200I GSI-GS8320Z36AGT-200I Datasheet
246Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z36DGT-200I GSI-GS8160Z36DGT-200I Datasheet
246Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com