Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS78116AB-8I Datasheet(PDF) 8 Page - GSI Technology

Part # GS78116AB-8I
Description  512K x 16 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78116AB-8I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS78116AB-8I Datasheet HTML 3Page - GSI Technology GS78116AB-8I Datasheet HTML 4Page - GSI Technology GS78116AB-8I Datasheet HTML 5Page - GSI Technology GS78116AB-8I Datasheet HTML 6Page - GSI Technology GS78116AB-8I Datasheet HTML 7Page - GSI Technology GS78116AB-8I Datasheet HTML 8Page - GSI Technology GS78116AB-8I Datasheet HTML 9Page - GSI Technology GS78116AB-8I Datasheet HTML 10Page - GSI Technology GS78116AB-8I Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
GS78116AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
8/11
© 2003, GSI Technology
Package Dimensions—119-Bump FPBGA (Package B, Variation 1
)
(Date Code: yyww.31)
7 6 5 4 3 2 1
A1
BOTTOM VIEW
1.27
7.62
14±0.20
B
A
0.20(4x)
Ø0.10
Ø0.30
C
C A B
S
S
Ø0.60~0.90 (119x)
C
SEATING PLANE
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
S
S
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
0.70 REF
12.00
1 2 3 4 5 6 7
Pin #1 Corner
Ø1.00(3x) REF
30 TYP.


Similar Part No. - GS78116AB-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B-10 GSI-GS78116B-10 Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B-10I GSI-GS78116B-10I Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B-12 GSI-GS78116B-12 Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B-12I GSI-GS78116B-12I Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results

Similar Description - GS78116AB-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
GSI Technology
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com