Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS71108J-10I Datasheet(PDF) 5 Page - GSI Technology

Part # GS71108J-10I
Description  128K x 8 1Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71108J-10I Datasheet(HTML) 5 Page - GSI Technology

  GS71108J-10I Datasheet HTML 1Page - GSI Technology GS71108J-10I Datasheet HTML 2Page - GSI Technology GS71108J-10I Datasheet HTML 3Page - GSI Technology GS71108J-10I Datasheet HTML 4Page - GSI Technology GS71108J-10I Datasheet HTML 5Page - GSI Technology GS71108J-10I Datasheet HTML 6Page - GSI Technology GS71108J-10I Datasheet HTML 7Page - GSI Technology GS71108J-10I Datasheet HTML 8Page - GSI Technology GS71108J-10I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5HY=#5135#525333
8247
‹#4<<</#*LJD#6HPLFRQGXFWRU/#,QF1
6SHFLILFDWLRQV#FLWHG#DUH#VXEMHFW#WR#FKDQJH#ZLWKRXW#QRWLFH1#)RU#ODWHVW#GRFXPHQWDWLRQ#VHH#KWWS=22ZZZ1JVLWHFKQRORJ\1FRP1
0
*6:443;732-26-28
$&#7HVW#&RQGLWLRQV
$&#&KDUDFWHULVWLFV
-#7KHVH#SDUDPHWHUV#DUH#VDPSOHG#DQG#DUH#QRW#433(#WHVWHG
5HDG#&\FOH
3DUDPHWHU
6\PERO
043
045
048
8QLW
0LQ
0D[
0LQ
0D[
0LQ
0D[
5HDG#F\FOH#WLPH
W5&
43
000
45
000
48
000
QV
$GGUHVV#DFFHVV#WLPH
W$$
000
43
000
45
000
48
QV
&KLS#HQDEOH#DFFHVV#WLPH#+&(,
W$&
000
43
000
45
000
48
QV
2XWSXW#HQDEOH#WR#RXWSXW#YDOLG#+2(,
W2(
000
7
000
8
000
9
QV
2XWSXW#KROG#IURP#DGGUHVV#FKDQJH
W2+
6
000
6
000
6
000
QV
&KLS#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+&(,
W/=-
6
000
6
000
6
000
QV
2XWSXW#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+2(,
W2/=-
3
000
3
000
3
000
QV
&KLS#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+&(,
W+=-
000
8
000
9
000
:
QV
2XWSXW#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+2(,
W2+=-
000
7
000
8
000
9
QV
'4
97 4179
83Ω
63S)4
'4
6169
2XWSXW#/RDG#4
2XWSXW#/RDG#5
8;<Ω
767Ω
8S)4
1RWH=
41 ,QFOXGH#VFRSH#DQG#MLJ#FDSDFLWDQFH1
51 7HVW#FRQGLWLRQV#DV#VSHFLILHG#ZLWK#RXWSXW#ORDGLQJ#DV#VKRZQ#LQ#)LJ1#4#
XQOHVV#RWKHUZLVH#QRWHG
61 2XWSXW#ORDG#5#IRU#W/=/#W+=/#W2/=#DQG#W2+=1
3DUDPHWHU
&RQGLWLRQV
,QSXW#KLJK#OHYHO
9,+ 5179
,QSXW#ORZ#OHYHO
9,/ 3179
,QSXW#ULVH#WLPH
WU 492QV
,QSXW#IDOO#WLPH
WI 492QV
,QSXW#UHIHUHQFH#OHYHO
4179
2XWSXW#UHIHUHQFH#OHYHO
4179
2XWSXW#ORDG#
)LJ1#4)#5


Similar Part No. - GS71108J-10I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71108J ETC-GS71108J Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

Similar Description - GS71108J-10I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com