Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS74104AGP-10 Datasheet(PDF) 8 Page - GSI Technology

Part # GS74104AGP-10
Description  1M x 4 4Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74104AGP-10 Datasheet(HTML) 8 Page - GSI Technology

Back Button GS74104AGP-10 Datasheet HTML 3Page - GSI Technology GS74104AGP-10 Datasheet HTML 4Page - GSI Technology GS74104AGP-10 Datasheet HTML 5Page - GSI Technology GS74104AGP-10 Datasheet HTML 6Page - GSI Technology GS74104AGP-10 Datasheet HTML 7Page - GSI Technology GS74104AGP-10 Datasheet HTML 8Page - GSI Technology GS74104AGP-10 Datasheet HTML 9Page - GSI Technology GS74104AGP-10 Datasheet HTML 10Page - GSI Technology GS74104AGP-10 Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
tWC
Address
CE
WE
Data In
OE
Data Out
tAW
tWP
tAS
tCW
tWR1
tDW
tDH
DATA VALID
HIGH IMPEDANCE
GS74104ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 6/2006
8/11
© 2001, GSI Technology
Write Cycle 2: CE control
1
e
B1
D
y
Q
c
L
Detail A
A
B
Notes:
1. Dimension D& E do not include interlead flash.
2. Dimension B1 does not include dambar protrusion/intrusion.
3. Controlling dimension: inches
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
0.146
3.70
A1
0.026
0.66
A2
0.105
0.110
0.115
2.67
2.80
2.92
B
0.013
0.017
0.021
0.33
0.43
0.53
B1
0.024
0.028
0.032
0.61
0.71
0.81
c
0.006
0.008
0.012
0.15
0.20
0.30
D
0.820
0.824
0.829
20.83
20.93
21.06
E
0.395
0.400
0.405
10.04
10.16
10.28
e
0.05
1.27
HE
0.430
0.435
0.440
10.93
11.05
11.17
GE
0.354
0.366
0.378
9.00
9.30
9.60
L
0.082
2.08
y
0.004
0.10
Q
0o
10o
0o
10o
32-Pin SOJ, 400 mil


Similar Part No. - GS74104AGP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104J-10 GSI-GS74104J-10 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-10I GSI-GS74104J-10I Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-12 GSI-GS74104J-12 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-12I GSI-GS74104J-12I Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-15 GSI-GS74104J-15 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
More results

Similar Description - GS74104AGP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com