Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8342D36E-250 Datasheet(PDF) 3 Page - GSI Technology

Part # GS8342D36E-250
Description  36Mb SigmaQuad-II Burst of 4 SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342D36E-250 Datasheet(HTML) 3 Page - GSI Technology

  GS8342D36E-250 Datasheet HTML 1Page - GSI Technology GS8342D36E-250 Datasheet HTML 2Page - GSI Technology GS8342D36E-250 Datasheet HTML 3Page - GSI Technology GS8342D36E-250 Datasheet HTML 4Page - GSI Technology GS8342D36E-250 Datasheet HTML 5Page - GSI Technology GS8342D36E-250 Datasheet HTML 6Page - GSI Technology GS8342D36E-250 Datasheet HTML 7Page - GSI Technology GS8342D36E-250 Datasheet HTML 8Page - GSI Technology GS8342D36E-250 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
2M x 18 SigmaQuad-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
MCL/SA
(144Mb)
SA
W
BW1
K
NC
R
SA
MCL/SA
(72Mb)
CQ
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
NC
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to D0:D8. BW1 controls writes to D9:D17.
2. MCL = Must Connect Low
Preliminary
GS8342D08/09/18/36E-333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 8/2005
3/37
© 2003, GSI Technology


Similar Part No. - GS8342D36E-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D37BD-333 GSI-GS8342D37BD-333 Datasheet
506Kb / 29P
   JEDEC-standard pinout and package
GS8342D37BD-350 GSI-GS8342D37BD-350 Datasheet
506Kb / 29P
   165-Bump BGA Commercial Temp Industrial Temp
GS8342D37BD-350I GSI-GS8342D37BD-350I Datasheet
506Kb / 29P
   JEDEC-standard pinout and package
GS8342D37BD-400 GSI-GS8342D37BD-400 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D37BD-400I GSI-GS8342D37BD-400I Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results

Similar Description - GS8342D36E-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D06 GSI-GS8342D06 Datasheet
412Kb / 30P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q08E GSI-GS8342Q08E Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342DT20BD-500 GSI-GS8342DT20BD-500 Datasheet
524Kb / 30P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342D38BGD-350 GSI-GS8342D38BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-350 GSI-GS8342D11BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT11BD-550 GSI-GS8342DT11BD-550 Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT38BD-400I GSI-GS8342DT38BD-400I Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D10BGD-450 GSI-GS8342D10BGD-450 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-550 GSI-GS8342D11BGD-550 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D19BD-300I GSI-GS8342D19BD-300I Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com