Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS74104TP-10 Datasheet(PDF) 1 Page - GSI Technology

Part # GS74104TP-10
Description  1M x 4 4Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74104TP-10 Datasheet(HTML) 1 Page - GSI Technology

  GS74104TP-10 Datasheet HTML 1Page - GSI Technology GS74104TP-10 Datasheet HTML 2Page - GSI Technology GS74104TP-10 Datasheet HTML 3Page - GSI Technology GS74104TP-10 Datasheet HTML 4Page - GSI Technology GS74104TP-10 Datasheet HTML 5Page - GSI Technology GS74104TP-10 Datasheet HTML 6Page - GSI Technology GS74104TP-10 Datasheet HTML 7Page - GSI Technology GS74104TP-10 Datasheet HTML 8Page - GSI Technology GS74104TP-10 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev: 1.07 1/2001
1/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74104TP/J
1M x 4
4Mb Asynchronous SRAM
8, 10, 12, 15 ns
3.3 V VDD
Center VDD and VSS
SOJ, TSOP
Commercial Temp
Industrial Temp
Features
• Fast access time: 8, 10, 12, 15 ns
• CMOS low power operation: 150/125/110/90 mA at
minimum cycle time.
• Single 3.3 V ± 0.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
J: 400 mil, 32-pin SOJ package
TP: 400 mil, 44-pin TSOP Type II package
Description
The GS74104 is a high speed CMOS Static RAM organized as
1,048,576 words by 4 bits. Static design eliminates the need for
external clocks or timing strobes. The GS operates on a single
3.3 V power supply and all inputs and outputs are TTL-com-
patible. The GS74104 is available in 400 mil SOJ and 400 mil
TSOP Type-II packages.
Pin Descriptions
SOJ 1M x 4-Pin Configuraton
TSOP-II 1M x 4-Pin Configuration
Symbol
Description
A0–A19
Address input
DQ1–DQ4
Data input/output
CE
Chip enable input
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A4
A3
A2
A1
A0
CE
DQ1
VDD
VSS
DQ2
WE
A19
A18
A17
A16
A15
A5
A6
A7
A8
A9
OE
DQ4
VSS
VDD
DQ3
A10
A11
A12
A13
A14
NC
32-pin
400 mil SOJ
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
NC
A4
A3
A2
A1
A0
CE
DQ1
VDD
VSS
DQ2
WE
A19
A18
A17
A16
NC
A5
A6
A7
A8
A9
OE
DQ4
VSS
VDD
DQ3
A10
A11
A12
A13
A14
44-pin
400 mil TSOP II
19
20
A15
NC
26
25
NC
NC
21
22
NC
NC
24
23
NC
NC
1
2
NC
NC
44
43
NC
NC


Similar Part No. - GS74104TP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104AGJ-10 GSI-GS74104AGJ-10 Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74104AGJ-10I GSI-GS74104AGJ-10I Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74104AGJ-12 GSI-GS74104AGJ-12 Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74104AGJ-12I GSI-GS74104AGJ-12I Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74104AGJ-8 GSI-GS74104AGJ-8 Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
More results

Similar Description - GS74104TP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com