Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8182S18D-200I Datasheet(PDF) 10 Page - GSI Technology

Part # GS8182S18D-200I
Description  18Mb Burst of 2 DDR SigmaSIO-II SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182S18D-200I Datasheet(HTML) 10 Page - GSI Technology

Back Button GS8182S18D-200I Datasheet HTML 6Page - GSI Technology GS8182S18D-200I Datasheet HTML 7Page - GSI Technology GS8182S18D-200I Datasheet HTML 8Page - GSI Technology GS8182S18D-200I Datasheet HTML 9Page - GSI Technology GS8182S18D-200I Datasheet HTML 10Page - GSI Technology GS8182S18D-200I Datasheet HTML 11Page - GSI Technology GS8182S18D-200I Datasheet HTML 12Page - GSI Technology GS8182S18D-200I Datasheet HTML 13Page - GSI Technology GS8182S18D-200I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
x18 Byte Write Clock Truth Table
BW
BW
Current Operation
D
D
K
(tn+1)
K
(tn+2)
K
(tn)
K
(tn+1)
K
(tn+2)
T
T
Write
Dx stored if BWn = 0 in both data transfers
D1
D2
T
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D1
X
F
T
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D2
F
F
Write Abort
No Dx stored in either data transfer
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.
x18 Byte Write Enable (BWn) Truth Table
BW1 BW0
D9–D17
D0–D8
1
1
Don’t Care
Don’t Care
0
1
Don’t Care
Data In
1
0
Data In
Don’t Care
0
0
Data In
Data In
GS8182S18D-267/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08a 8/2005
10/31
© 2003, GSI Technology


Similar Part No. - GS8182S18D-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
More results

Similar Description - GS8182S18D-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
GS8342S08E GSI-GS8342S08E Datasheet
1Mb / 39P
   36Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8662S08E GSI-GS8662S08E Datasheet
1Mb / 37P
   72Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8182Q18D GSI-GS8182Q18D Datasheet
811Kb / 28P
   18Mb Burst of 2 SigmaQuad-II SRAM
GS8182T08 GSI-GS8182T08 Datasheet
717Kb / 36P
   18Mb SigmaDDR-II??Burst of 2 SRAM
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
logo
GSI Technology
GS8182T19 GSI-GS8182T19 Datasheet
342Kb / 27P
   18Mb SigmaDDR-IITM Burst of 2 SRAM
logo
Integrated Device Techn...
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
logo
GSI Technology
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com