Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8170LW36AC-250 Datasheet(PDF) 10 Page - GSI Technology

Part # GS8170LW36AC-250
Description  18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170LW36AC-250 Datasheet(HTML) 10 Page - GSI Technology

Back Button GS8170LW36AC-250 Datasheet HTML 6Page - GSI Technology GS8170LW36AC-250 Datasheet HTML 7Page - GSI Technology GS8170LW36AC-250 Datasheet HTML 8Page - GSI Technology GS8170LW36AC-250 Datasheet HTML 9Page - GSI Technology GS8170LW36AC-250 Datasheet HTML 10Page - GSI Technology GS8170LW36AC-250 Datasheet HTML 11Page - GSI Technology GS8170LW36AC-250 Datasheet HTML 12Page - GSI Technology GS8170LW36AC-250 Datasheet HTML 13Page - GSI Technology GS8170LW36AC-250 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
GS8170LW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
10/32
© 2003, GSI Technology
It should be noted that deselection of the RAM via E2 and E3 also deselects the Echo Clock output drivers. The deselection of
Echo Clock drivers is always pipelined to the same degree as output data. Deselection of the RAM via E1 does not deactivate the
Echo Clocks.
Programmable Enables
ΣRAMs feature two user-programmable chip enable inputs, E2 and E3. The sense of the inputs, whether they function as active
low or active high inputs, is determined by the state of the programming inputs, EP2 and EP3. For example, if EP2 is held at VDD,
E2 functions as an active high enable. If EP2 is held to VSS, E2 functions as an active low chip enable input.
Programmability of E2 and E3 allows four banks of depth expansion to be accomplished with no additional logic. By programming
the enable inputs of four SRAMs in binary sequence (00, 01, 10, 11) and driving the enable inputs with two address inputs, four
SRAMs can be made to look like one larger RAM to the system.
Example Four Bank Depth Expansion Schematic—
Σ1x1Lp
A
CK
E1
E2
E3
W
A0–An
CK
W
DQ0–DQn
Bank 0
Bank 1
Bank 2
Bank 3
Bank Enable Truth Table
EP2
EP3
E2
E3
Bank 0
VSS
VSS
Active Low
Active Low
Bank 1
VSS
VDD
Active Low
Active High
Bank 2
VDD
VSS
Active High
Active Low
Bank 3
VDD
VDD
Active High
Active High
E1
An – 1
An
A0–An – 2
An – 1
An
A0–An – 2
An – 1
An
A0–An – 2
An – 1
An
A0–An – 2
DQ
A
CK
E2
E3
W
DQ
A
CK
E2
E3
W
DQ
A
CK
E2
E3
W
DQ
E1
E1
E1
CQ
CQ
CQ
CQ
CQ
EP2
EP3
0
0
EP2
EP3
1
0
EP2
EP3
0
1
EP2
EP3
1
1


Similar Part No. - GS8170LW36AC-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36C-200 GSI-GS8170LW36C-200 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36C-200I GSI-GS8170LW36C-200I Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36C-250 GSI-GS8170LW36C-250 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36C-250I GSI-GS8170LW36C-250I Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
More results

Similar Description - GS8170LW36AC-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170DD36C GSI-GS8170DD36C Datasheet
716Kb / 29P
   18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com