Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C22-12DMB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P4C22-12DMB
Description  ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C22-12DMB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P4C22-12DMB Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C22-12DMB Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C22-12DMB Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C22-12DMB Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C22-12DMB Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C22-12DMB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
P4C422
FEATURES
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25/35 ns (Commercial)
– 15/20/25 /35 ns (Military)
CMOS for Low Power
– 495 mW Max.
– 10/12/15/20/25 (Commercial)
– 495 mW Max.
– 15/20/25/35 (Military)
DESCRIPTION
The P4C422 is a 1,024-bit high-speed (10ns) Static RAM
with a 256 x 4 organization. The memory requires no
clocks or refreshing and has equal access and cycle
times.
Inputs and outputs are fully TTL compatible.
Operation is from a single 5 Volt supply. Easy memory
expansion is provided by an active LOW chip select one
(
CS
1) and active HIGH chip select two (CS 2) as well as 3-
state outputs.
P4C422
ULTRA HIGH SPEED 256 x 4
STATIC CMOS RAM
Means Quality, Service and Speed
1Q97
FUNCTIONAL BLOCK DIAGRAM PIN CONFIGURATIONS
In addition to very high performance and very high den-
sity, the device features latch-up protection, single event
and upset protection. The P4C422 is offered in several
packages: 22-pin 400 mil DIP (plastic and ceramic), 24-
pin 300 mil SOIC, 24-pin LCC and 24-pin CERPACK.
Devices are offered in both commercial and military
temperature ranges.
COLUMN
DECODER
32 X 32
ARRAY
CS1
CS2
WE
OE
O
0
O
1
O
2
O
3
A
5
A 6
A
7
A 2
A
3
A
4
A
1
A 0
D1
D
2
D
3
D
0
Single 5V
±10% Power Supply
Separate I/O
Fully TTL Compatible Inputs and Outputs
Resistant to single event upset and latchup
resulting from advanced process and design
improvements
Standard 22-pin 400 mil DIP, 24-pin 300 mil
SOIC, 24-pin LCC package and 24-pin CERPACK
package
21
17
20
19
18
16
4
5
6
7
8
9
31
2
242322
15
14
13
12
11
10
A1 A2 A3
A4
VCC
A
0
A5
A6
A7
GND
NC
D0
D1
D2
O1
O0
CS2
D3
O3
INDEX
WE
O2
CS1
OE
NC
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
A5
GND
A3
A2
A1
A0
A6
A7
D0
O0
D1
WE
CS2
O3
VCC
OE
D3
O2
D2
O1
A4
CS1
1
2
3
4
5
6
7
8
9
10
11
A5
GND
A3
A2
A1
A0
A6
A7
D0
O0
D1
WE
CS2
O3
VCC
OE
D3
O2
D2
O1
A4
CS1
12
22
21
20
19
18
17
16
15
14
13
23
24
NC
NC
SOIC (S4)
CERPACK (F3) SIMILAR
TOP VIEW
DIP (P3-1, D3-1)
TOP VIEW
LCC (L4)
TOP VIEW


Similar Part No. - P4C22-12DMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1023 PYRAMID-P4C1023 Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CC PYRAMID-P4C1023-55CC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CI PYRAMID-P4C1023-55CI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJC PYRAMID-P4C1023-55CJC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJI PYRAMID-P4C1023-55CJI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
More results

Similar Description - P4C22-12DMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C147 PYRAMID-P4C147 Datasheet
188Kb / 10P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com